データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3136D2PWP データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3136D2PWP
部品情報  TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2PWP データシート(HTML) 8 Page - Texas Instruments

Back Button TPA3136D2PWP Datasheet HTML 4Page - Texas Instruments TPA3136D2PWP Datasheet HTML 5Page - Texas Instruments TPA3136D2PWP Datasheet HTML 6Page - Texas Instruments TPA3136D2PWP Datasheet HTML 7Page - Texas Instruments TPA3136D2PWP Datasheet HTML 8Page - Texas Instruments TPA3136D2PWP Datasheet HTML 9Page - Texas Instruments TPA3136D2PWP Datasheet HTML 10Page - Texas Instruments TPA3136D2PWP Datasheet HTML 11Page - Texas Instruments TPA3136D2PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Frequency
0
-240
4
-180
8
-120
12
-60
16
0
20
60
24
120
28
180
32
240
36
300
100
1k
10k
20
50
200
500
2k
5k
20k
D007
Gain
Phase
Total Output Power (W)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
0
10
20
30
40
50
60
70
80
90
100
D008
PVcc = 6V
PVcc = 12V
PVcc = 14.4V
Supply Voltage (V)
4
5
6
7
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
16
18
20
D005
Supply Voltage (V)
4
5
6
7
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
16
D006
Output Power (W)
0.01
0.1
1
10
10m
100m
1
10
20
20m
50m
200m 500m
2
5
D003
20 Hz
1 kHz
Output Power (W)
0.01
0.1
1
10
10m
100m
1
10
20
20m
50m
200m 500m
2
5
D004
20 Hz
1 kHz
8
TPA3136D2
SLOS938B – MAY 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPA3136D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
All Measurements taken at 26dB closed loop gain, 1-kHz audio, T A= 25°C unless otherwise noted. Measurements were
made with AES17 filter using the TPA3136D2 EVM, which is available at ti.com.
AVCC=PVCC = 12 V, Load = 6
Ω + 47 µH, 20 Hz, 1 kHz
Figure 3. Total Harmonic Distortion + Noise vs Output
Power (BTL)
AVCC=PVCC = 13 V, Load = 8
Ω + 66 µH, 20 Hz, 1 kHz
Figure 4. Total Harmonic Distortion + Noise vs Output
Power (BTL)
AVCC=PVCC = 4.5 V to 14.4 V, Load = 6
Ω + 47 µH
Figure 5. Output Power vs Supply Voltage (BTL)
AVCC=PVCC = 4.5 V to 14.4 V, Load = 8
Ω + 66 µH
Figure 6. Output Power vs Supply Voltage (BTL)
AVCC=PVCC = 12 V, Load = 6
Ω + 47 µH (device pins)
Figure 7. Gain/Phase vs Frequency (BTL)
AVCC=PVCC = 6 V, 12 V, 14.4 V, Load = 6
Ω + 47 µH
Figure 8. Efficiency vs Output Power (BTL)


同様の部品番号 - TPA3136D2PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3136D2PWP TI1-TPA3136D2PWP Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2PWPR TI1-TPA3136D2PWPR Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
More results

同様の説明 - TPA3136D2PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2380 EUTECH-EUA2380 Datasheet
98Kb / 1P
   10-W Inductor Free Stereo Audio Amplifier with Low EMI
logo
Texas Instruments
TPA3138D2 TI1-TPA3138D2 Datasheet
970Kb / 35P
[Old version datasheet]   10-W, 3.5-V to 14.4-V, Inductor Less, Analog Input, Stereo, Class-D Audio Amplifier with Ultra Low EMI
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com