データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6013A4 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6013A4
部品情報  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6013A4 データシート(HTML) 1 Page - Texas Instruments

  TPA6013A4 Datasheet HTML 1Page - Texas Instruments TPA6013A4 Datasheet HTML 2Page - Texas Instruments TPA6013A4 Datasheet HTML 3Page - Texas Instruments TPA6013A4 Datasheet HTML 4Page - Texas Instruments TPA6013A4 Datasheet HTML 5Page - Texas Instruments TPA6013A4 Datasheet HTML 6Page - Texas Instruments TPA6013A4 Datasheet HTML 7Page - Texas Instruments TPA6013A4 Datasheet HTML 8Page - Texas Instruments TPA6013A4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
APPLICATIONCIRCUIT
PGND
ROUT−
PV
DD
PV
DD
RHPIN
RLINEIN
RIN
V
DD
V
DD
LIN
LLINEIN
LHPIN
LOUT−
1
ROUT+
SE/BTL
HP/LINE
VOLUME
SEDIFF
SEMAX
AGND
BYPASS
FADE
SHUTDOWN
LOUT+
PGND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
C
S
C
i
C
i
C
i
C
i
C
i
C
i
C
S
C
S
RightHP
AudioSource
PowerSupply
RightLine
AudioSource
LeftLine
AudioSource
LeftHP
AudioSource
PowerSupply
V
DD
100kW
100kW
C
C
InFromDAC
or
Potentiometer
(DCVoltage)
C
(BYP)
SystemControl
C
C
Right
Speaker
Left
Speaker
Headphones
1kW
1kW
S001
DCVOLUMECONTROL
Volume[Pin21] − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
VolumeUp
VolumeDown
V
DD =5.0V
BTLOutput
R =NoLoad
L
GAIN(BTL)
vs
VOLUMEVOLTAGE
TPA6013A4
www.ti.com
SLOS635 – NOVEMBER 2009
3-W STEREO AUDIO POWER AMPLIFIER
WITH ADVANCED DC VOLUME CONTROL
Check for Samples :TPA6013A4
1
FEATURES
DESCRIPTION
2
Advanced 32-Steps DC Volume Control
Steps from –40 to 18 dB
The TPA6013A4 is a stereo audio power amplifier
that drives 3 W/channel of continuous RMS power
Fade Mode
into a 3-
Ω load. Advanced dc volume control
Maximum Volume Setting for SE Mode
minimizes external components and allows BTL
Adjustable SE Volume Control
(speaker)
volume
control
and
SE
(headphone)
Referenced to BTL Volume Control
volume control. Notebook and pocket PCs benefit
from
the
integrated
feature
set
that
minimizes
3 W Into 3-
Ω Speakers
external components without sacrificing functionality.
Stereo Input MUX
To simplify design, the speaker volume level is
Headphone Mode
adjusted by applying a dc voltage to the VOLUME
Pin-to-pin compatible with TPA6011A4 and
terminal. Likewise, the delta between speaker volume
TPA6012A4
and headphone volume can be adjusted by applying
a dc voltage to the SEDIFF terminal. To avoid an
24-pin PowerPAD™ Package (PWP)
unexpected
high
volume
level
through
the
headphones, a third terminal, SEMAX, limits the
APPLICATIONS
headphone volume level when a dc voltage is
Notebook PC
applied. Finally, to ensure a smooth transition
LCD Monitors
between active and shutdown modes, a fade mode
Pocket PC
ramps the volume up and down.
Figure 1. Application Circuit and DC Volume Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPA6013A4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPG4 TI-TPA6013A4PWPG4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPG4 TI1-TPA6013A4PWPG4 Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPRG4 TI-TPA6013A4PWPRG4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

同様の説明 - TPA6013A4

メーカー部品番号データシート部品情報
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com