データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6013A4PWPR データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6013A4PWPR
部品情報  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6013A4PWPR データシート(HTML) 2 Page - Texas Instruments

  TPA6013A4PWPR Datasheet HTML 1Page - Texas Instruments TPA6013A4PWPR Datasheet HTML 2Page - Texas Instruments TPA6013A4PWPR Datasheet HTML 3Page - Texas Instruments TPA6013A4PWPR Datasheet HTML 4Page - Texas Instruments TPA6013A4PWPR Datasheet HTML 5Page - Texas Instruments TPA6013A4PWPR Datasheet HTML 6Page - Texas Instruments TPA6013A4PWPR Datasheet HTML 7Page - Texas Instruments TPA6013A4PWPR Datasheet HTML 8Page - Texas Instruments TPA6013A4PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPA6013A4
SLOS635 – NOVEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS
PACKAGE
TA
24-PIN TSSOP (PWP) (1)
–40°C to 85°C
TPA6013A4PWP
(1)
The PWP package is available taped and reeled. To order a taped
and reeled part, add the suffix R to the part number
(e.g., TPA6013A4PWPR).
LEAD (PB-FREE) ORDERING INFORMATION
ORDERABLE DEVICE
STATUS (1)
ECO-STATUS (2)
TPA6013A4PWPG4
Active
Pb-Free
and Green
TPA6013A4PWPRG4
Active
(1)
The marketing status values are defined as follows:
(a) ACTIVE: This device recommended for new designs.
(b) LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
(c) NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using
this part in a new design.
(d) PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
(e) OBSOLETE: TI has discontinued production of the device.
(2)
Eco-Status Information – Additional details including specific material content can be accessed at www.ti.com/leadfree
(a) N/A: Not yet available Lead (Pb)-Free, for estimated conversion dates go to www.ti.com/leadfree.
(b) Pb-Free: TI defines "Lead (Pb)-Free" or "Pb-Free" to mean RoHS compatible, including a lead concentration that does not exceed
0.1% of total product weight, and, if designed to be soldered, suitable for use in specified lead-free soldering processes.
(c) Green: TI devices "Green" to mean Lead (Pb)-Free and in addition, uses package materials that do not contain halogens, including
bromine (Br), or antimony (Sb) above 0.1% of total product weight.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
VSS
Supply voltage, VDD, PVDD
–0.3 V to 6 V
VI
Input voltage
–0.3 V to VDD+0.3 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40°C to 85°C
TJ
Operating junction temperature range
–40°C to 150°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
PWP
2.7 mW
21.8 mW/°C
1.7 W
1.4 W
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA6013A4


同様の部品番号 - TPA6013A4PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6013A4PWPRG4 TI-TPA6013A4PWPRG4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPRG4 TI1-TPA6013A4PWPRG4 Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

同様の説明 - TPA6013A4PWPR

メーカー部品番号データシート部品情報
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com