データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD1E01B04 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD1E01B04
部品情報  TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E01B04 データシート(HTML) 11 Page - Texas Instruments

Back Button TPD1E01B04 Datasheet HTML 7Page - Texas Instruments TPD1E01B04 Datasheet HTML 8Page - Texas Instruments TPD1E01B04 Datasheet HTML 9Page - Texas Instruments TPD1E01B04 Datasheet HTML 10Page - Texas Instruments TPD1E01B04 Datasheet HTML 11Page - Texas Instruments TPD1E01B04 Datasheet HTML 12Page - Texas Instruments TPD1E01B04 Datasheet HTML 13Page - Texas Instruments TPD1E01B04 Datasheet HTML 14Page - Texas Instruments TPD1E01B04 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
TPD1E01B04
www.ti.com
SLVSDG3B – MARCH 2016 – REVISED MAY 2016
Product Folder Links: TPD1E01B04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
Table 1. Design Parameters (continued)
DESIGN PARAMETER
VALUE
Operating frequency on CC, SBU, and
DP/DM Lines
up to 480 MHz
8.2.2 Detailed Design Procedure
8.2.2.1 Signal Range
The TPD1E01B04 supports signal ranges between –3.6 V and 3.6 V, which supports the SuperSpeed pairs on
the USB Type-C application. The TPD4E05U06 supports signal ranges between 0 V and 5.5 V, which supports
the CC, SBU, and DP-DM lines.
8.2.2.2 Operating Frequency
The TPD1E01B04 has a 0.18 pF (typical) capacitance, which supports the Thunderbolt 3 data rates of 20 Gbps.
The TPD4E05U06 has a 0.5-pF (typical) capacitance, which easily supports the CC, SBU, and DP-DM data
rates.
8.2.3 Application Curves
Figure 14. USB 3.1 Gen 2 10-Gbps Eye Diagram (Bare
Board)
Figure 15. USB 3.1 Gen 2 10-Gbps Eye Diagram (with
TPD1E01B04)


同様の部品番号 - TPD1E01B04

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E01B04 TI-TPD1E01B04 Datasheet
1,016Kb / 20P
[Old version datasheet]   TPD1E01B04-Q1 Automotive 0.18-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402Package for USB-C & FPD-Link
TPD1E01B04 TI-TPD1E01B04 Datasheet
1Mb / 21P
[Old version datasheet]   TPD1E01B04-Q1 Automotive 0.2-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402 Package
DECEMBER 2021
TPD1E01B04-Q1 TI-TPD1E01B04-Q1 Datasheet
1,016Kb / 20P
[Old version datasheet]   TPD1E01B04-Q1 Automotive 0.18-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402Package for USB-C & FPD-Link
TPD1E01B04-Q1 TI-TPD1E01B04-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   TPD1E01B04-Q1 Automotive 0.2-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402 Package
DECEMBER 2021
TPD1E01B04-Q1 TI-TPD1E01B04-Q1_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD1E01B04-Q1 Automotive 0.2-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402 Package
DECEMBER 2021
More results

同様の説明 - TPD1E01B04

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
TPD1E01B04-Q1 TI-TPD1E01B04-Q1 Datasheet
1,016Kb / 20P
[Old version datasheet]   TPD1E01B04-Q1 Automotive 0.18-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402Package for USB-C & FPD-Link
logo
Tripp Lite. All Rights ...
U428-006 TRIPPLITE-U428-006 Datasheet
163Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A M/M, Thunderbolt 3, 6-ft.
logo
Texas Instruments
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
logo
Tripp Lite. All Rights ...
U040-C03-C TRIPPLITE-U040-C03-C Datasheet
159Kb / 3P
   USB Type-C to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 3 ft.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com