データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD1E0B04DPLT データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD1E0B04DPLT
部品情報  TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E0B04DPLT データシート(HTML) 8 Page - Texas Instruments

Back Button TPD1E0B04DPLT Datasheet HTML 4Page - Texas Instruments TPD1E0B04DPLT Datasheet HTML 5Page - Texas Instruments TPD1E0B04DPLT Datasheet HTML 6Page - Texas Instruments TPD1E0B04DPLT Datasheet HTML 7Page - Texas Instruments TPD1E0B04DPLT Datasheet HTML 8Page - Texas Instruments TPD1E0B04DPLT Datasheet HTML 9Page - Texas Instruments TPD1E0B04DPLT Datasheet HTML 10Page - Texas Instruments TPD1E0B04DPLT Datasheet HTML 11Page - Texas Instruments TPD1E0B04DPLT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IO
GND
Copyright © 2016, Texas Instruments Incorporated
8
TPD1E0B04
SLVSDG9A – MARCH 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPD1E0B04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD1E0B04 device is a bidirectional ESD Protection Diode with ultra-low capacitance. This device can
dissipate ESD strikes at the maximum level specified by the IEC 61000-4-2 International Standard (contact). The
ultra-low capacitance makes this device ideal for protecting any super high-speed signal pins including
Thunderbolt 3. The low capacitance allows for extremely low losses even at RF frequencies such as USB 3.1
Gen 2, Thunderbolt 3, or antenna applications.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 IEC 61000-4-2 ESD Protection
The I/O pins can withstand ESD events up to ±8-kV contact and ±9-kV air gap. An ESD-surge clamp diverts the
current to ground.
7.3.2 IEC 61000-4-4 EFT Protection
The I/O pins can withstand an electrical fast transient burst of up to 80 A (5/50 ns waveform, 4 kV with 50-
impedance). An ESD-surge clamp diverts the current to ground.
7.3.3 IEC 61000-4-5 Surge Protection
The I/O pins can withstand surge events up to 1.7 A and 15 W (8/20 µs waveform). An ESD-surge clamp diverts
this current to ground.
7.3.4 IO Capacitance
The capacitance between each I/O pin to ground is 0.13 pF (typical) and 0.15 pF (maximum). This device
supports data rates in excess of 20 Gbps.
7.3.5 DC Breakdown Voltage
The DC breakdown voltage of each I/O pin is ±6.7 V (typical). This ensures that sensitive equipment is protected
from surges above the reverse standoff voltage of ±3.6 V.
7.3.6 Ultra Low Leakage Current
The I/O pins feature an ultra-low leakage current of 10 nA (maximum) with a bias of ±2.5 V
7.3.7 Low ESD Clamping Voltage
The I/O pins feature an ESD clamp that is capable of clamping the voltage to 10.1 V (IPP = 5 A).
7.3.8 Supports High Speed Interfaces
This device is capable of supporting high speed interfaces in excess of 20 Gbps, because of the extremely low
IO capacitance.
7.3.9 Industrial Temperature Range
This device features an industrial operating range of –40°C to +125°C.


同様の部品番号 - TPD1E0B04DPLT

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
TPD1E0B04DPLT LEIDITECH-TPD1E0B04DPLT Datasheet
719Kb / 4P
   1-Line Bi-directional TVS Diode
Rev 2.0 : 01.07.2021
More results

同様の説明 - TPD1E0B04DPLT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
STMicroelectronics
ESDARF01-1BF4 STMICROELECTRONICS-ESDARF01-1BF4 Datasheet
159Kb / 13P
   ESD protection for AM and FM antenna
January 2013 Rev1
ESDARF01-1BM2 STMICROELECTRONICS-ESDARF01-1BM2 Datasheet
201Kb / 11P
   ESD protection for AM and FM antenna
logo
Texas Instruments
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
   USB type-C port protection
Rev 1 - September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com