データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALS174 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ALS174
部品情報  HEX/QUADRUPLE D-TYPE FLIP-FLOPS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS174 データシート(HTML) 6 Page - Texas Instruments

Back Button SN74ALS174 Datasheet HTML 2Page - Texas Instruments SN74ALS174 Datasheet HTML 3Page - Texas Instruments SN74ALS174 Datasheet HTML 4Page - Texas Instruments SN74ALS174 Datasheet HTML 5Page - Texas Instruments SN74ALS174 Datasheet HTML 6Page - Texas Instruments SN74ALS174 Datasheet HTML 7Page - Texas Instruments SN74ALS174 Datasheet HTML 8Page - Texas Instruments SN74ALS174 Datasheet HTML 9Page - Texas Instruments SN74ALS174 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN54ALS174, SN54ALS175, SN54AS174, SN54AS175B
SN74ALS174, SN74ALS175, SN74AS174, SN74AS175B
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SDAS207E - APRIL 1982 - REVISED MAY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
SN54AS174
SN54AS175B
SN74AS174
SN74AS175B
UNIT
MIN
MAX
MIN
MAX
fclock*
Clock frequency
100
100
MHz
CLR low
5.5
5
t *
Pulse duration
CLK high
4
4
ns
tw*
Pulse duration
CLK low
’AS174
6
6
ns
CLK low
’AS175B
5
5
Data
’AS174
4
4
tsu*
Setup time before CLK
Data
’AS175B
3
3
ns
CLR inactive
6
6
th*
Hold time, data after CLK
1
1
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data, but is not production tested.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS174
SN74AS174
MIN
MAX
MIN
MAX
fmax*
100
100
MHz
tPHL
CLR
Any Q
5
15
5
14
ns
tPLH
CLK
Any Q
3.5
9.5
3.5
8
ns
tPHL
CLK
Any Q
4.5
11.5
4.5
10
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data, but is not production tested.
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS175B
SN74AS175B
MIN
MAX
MIN
MAX
fmax*
100
100
MHz
tPLH
CLR
AQ
Q
4
10
4
9
ns
tPHL
CLR
Any Q or Q
4.5
15
4.5
13
ns
tPLH
CLK
AnyQorQ
3
8.5
3
7.5
ns
tPHL
CLK
Any Q or Q
3
11
3
10
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data, but is not production tested.
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


同様の部品番号 - SN74ALS174

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS174 TI-SN74ALS174 Datasheet
527Kb / 17P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS174 TI-SN74ALS174 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS174 TI-SN74ALS174 Datasheet
598Kb / 21P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS174D TI-SN74ALS174D Datasheet
527Kb / 17P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS174D TI-SN74ALS174D Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

同様の説明 - SN74ALS174

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54S174 TI-SN54S174 Datasheet
318Kb / 7P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74S174 TI-SN74S174_07 Datasheet
403Kb / 13P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54ALS174 TI-SN54ALS174_07 Datasheet
598Kb / 21P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54174 TI1-SN54174_16 Datasheet
698Kb / 14P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54ALS174 TI-SN54ALS174 Datasheet
527Kb / 17P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74S175J TI-SN74S175J Datasheet
668Kb / 14P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54174 TI-SN54174 Datasheet
352Kb / 10P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74LS174 RENESAS-HD74LS174 Datasheet
112Kb / 9P
   Hex / Quadruple D-type Flip-Flops (with clear)
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com