データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD1E1B04DPYR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD1E1B04DPYR
部品情報  1-Channel ESD Protection Diode with Low R(DYN) and Low Clamping Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E1B04DPYR データシート(HTML) 8 Page - Texas Instruments

Back Button TPD1E1B04DPYR Datasheet HTML 4Page - Texas Instruments TPD1E1B04DPYR Datasheet HTML 5Page - Texas Instruments TPD1E1B04DPYR Datasheet HTML 6Page - Texas Instruments TPD1E1B04DPYR Datasheet HTML 7Page - Texas Instruments TPD1E1B04DPYR Datasheet HTML 8Page - Texas Instruments TPD1E1B04DPYR Datasheet HTML 9Page - Texas Instruments TPD1E1B04DPYR Datasheet HTML 10Page - Texas Instruments TPD1E1B04DPYR Datasheet HTML 11Page - Texas Instruments TPD1E1B04DPYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IO
GND
Copyright © 2016, Texas Instruments Incorporated
8
TPD1E1B04
SLVSDL0A – MAY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPD1E1B04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD1E1B04 is a bidirectional ESD Protection Diode with ultra-low clamping voltage. This device can
dissipate ESD strikes above the maximum level specified by the IEC 61000-4-2 International Standard. The ultra-
low clamping makes this device ideal for protecting any sensitive signal pins.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 IEC 61000-4-2 ESD Protection
The I/O pins can withstand ESD events up to ±30-kV contact and ±30-kV air gap. An ESD-surge clamp diverts
the current to ground.
7.3.2 IEC 61000-4-4 EFT Protection
The I/O pins can withstand an electrical fast transient burst of up to 80 A (5/50 ns waveform, 4 kV with 50-
impedance). An ESD-surge clamp diverts the current to ground.
7.3.3 IEC 61000-4-5 Surge Protection
The I/O pins can withstand surge events up to 6.3 A and 50 W (8/20 µs waveform). An ESD-surge clamp diverts
this current to ground.
7.3.4 IO Capacitance
The capacitance between each I/O pin to ground is 1 pF (typical) and 1.3 pF (maximum).
7.3.5 DC Breakdown Voltage
The DC breakdown voltage of each I/O pin is ±6.4 V typical. This ensures that sensitive equipment is protected
from surges above the reverse standoff voltage of ±3.6 V.
7.3.6 Low Leakage Current
The I/O pins feature an low leakage current of 100 nA (maximum) with a bias of ±2.5 V.
7.3.7 Extremely Low ESD Clamping Voltage
The I/O pins feature an ESD clamp that is capable of clamping the voltage to 8.5 V (IPP = 16 A).
7.3.8 Industrial Temperature Range
This device features an industrial operating range of –40°C to +125°C.
7.3.9 Industry Standard Footprint
The layout of this device makes it simple and easy to add protection to an existing layout. The packages offers
flow-through routing, requiring minimal modification to an existing layout.


同様の部品番号 - TPD1E1B04DPYR

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
TPD1E1B04DPYR LEIDITECH-TPD1E1B04DPYR Datasheet
475Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPD1E1B04DPYR-TP LEIDITECH-TPD1E1B04DPYR-TP Datasheet
341Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
More results

同様の説明 - TPD1E1B04DPYR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NSPU5201 ONSEMI-NSPU5201 Datasheet
180Kb / 6P
   ESD and Surge Protection Diode Low Clamping Voltage
March, 2021 ??Rev. 2
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5_09 Datasheet
159Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
NZQA6V8AXV5T2G ONSEMI-NZQA6V8AXV5T2G Datasheet
164Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
logo
Texas Instruments
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
logo
Infineon Technologies A...
ESD300-B1-02LRH INFINEON-ESD300-B1-02LRH Datasheet
529Kb / 13P
   Low Clamping & Low Capacitance ESD/Surge Protection Diode
Revision 1.2, 2013-11-26
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
   Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V0C1ULS-Q NEXPERIA-PESD5V0C1ULS-Q Datasheet
220Kb / 11P
   Extremely low clamping unidirectional ESD protection diode
4 April 2022
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
   Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD3V3L1BSF NEXPERIA-PESD3V3L1BSF Datasheet
220Kb / 11P
   Very low clamping bidirectional ESD protection diode
2 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com