データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD1E05U06DPYR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD1E05U06DPYR
部品情報  1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E05U06DPYR データシート(HTML) 11 Page - Texas Instruments

Back Button TPD1E05U06DPYR Datasheet HTML 7Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 8Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 9Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 10Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 11Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 12Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 13Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 14Page - Texas Instruments TPD1E05U06DPYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
TPD1E05U06, TPD4E05U06, TPD6E05U06
www.ti.com
SLVSBO7J – DECEMBER 2012 – REVISED MARCH 2016
Product Folder Links: TPD1E05U06 TPD4E05U06 TPD6E05U06
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.3 Feature Description
The TPDxE05U06 is a family of unidirectional Transient Voltage Suppressor (TVS) Electrostatic Discharge (ESD)
protection diodes with ultra-low capacitance. Each device can dissipate ESD strikes above the maximum level
specified by the IEC 61000-4-2 international standard. The TPDxE05U06's ultra-low loading capacitance makes
it ideal for protecting any high-speed signal pins.
7.3.1 ±15-kV IEC61000-4-2 Level 4 ESD Protection
The I/O pins can withstand ESD events up to ±12-kV contact and ±15-kV air. An ESD/surge clamp diverts the
current to ground.
7.3.2 IEC61000-4-4 EFT Protection
The I/O pins can withstand an electrical fast transient burst of up to 80 A (5/50 ns waveform, 4 kV with 50
impedance). An ESD/surge clamp diverts the current to ground. This has been validated on the TPD4E05U06
only.
7.3.3 IEC61000-4-5 Surge Protection
The I/O pins can withstand surge events up to 2.5 A and 40 W (8/20 µs waveform). An ESD/surge clamp diverts
this current to ground.
7.3.4 I/O Capacitance
The capacitance between each I/O pin to ground is 0.42 pF (TPD1E05U06), 0.5 pF (TPD4E05U06) or 0.47 pF
(TPD6E05U06). These devices support data rates up to 6.0 Gbps.
7.3.5 DC Breakdown Voltage
The DC breakdown voltage of each I/O pin is a minimum of 6 V. This ensures that sensitive equipment is
protected from surges above the reverse standoff voltage of 5 V.
7.3.6 Ultra-Low Leakage Current
The I/O pins feature an ultra-low leakage current of 10 nA (max) with a bias of 2.5 V.
7.3.7 Low ESD Clamping Voltage
The I/O pins feature an ESD clamp that is capable of clamping the voltage to 10 V (IPP = 1 A).
7.3.8 Industrial Temperature Range
This device features an industrial operating range of –40°C to +125°C.
7.3.9 Easy Flow-Through Routing
The layout of this device makes it simple and easy to add protection to an existing layout. The packages offers
flow-through routing, requiring minimal modification to an existing layout.
7.4 Device Functional Modes
The TPDxE05U06 is a passive integrated circuit that triggers when voltages are above VBR or below the lower
diodes Vf (–0.6 V). During ESD events, voltages as high as ±15 kV (air) can be directed to ground via the internal
diode network. When the voltages on the protected line fall below the trigger levels of TPDxE05U06 (usually
within 10s of nano-seconds) the device reverts to passive.


同様の部品番号 - TPD1E05U06DPYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E05U06DPYR TI-TPD1E05U06DPYR Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD1E05U06DPYR TI-TPD1E05U06DPYR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06DPYR TI-TPD1E05U06DPYR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
logo
Shanghai Leiditech Elec...
TPD1E05U06DPYR LEIDITECH-TPD1E05U06DPYR Datasheet
1,005Kb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
TPD1E05U06DPYR UMW-TPD1E05U06DPYR Datasheet
489Kb / 3P
   45W peak pulse power (tp = 8/20μs)
More results

同様の説明 - TPD1E05U06DPYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com