データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD2E2U06 データシート(PDF) 8 Page - Texas Instruments

部品番号 TPD2E2U06
部品情報  Dual-Channel High-Speed ESD Protection Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06 データシート(HTML) 8 Page - Texas Instruments

Back Button TPD2E2U06_15 Datasheet HTML 4Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 5Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 6Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 7Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 8Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 9Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 10Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 11Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPD2E2U06
SLLSEG9B – JUNE 2013 – REVISED MAY 2015
www.ti.com
Feature Description (continued)
8.3.6 Industrial Temperature Range
This device is designed to operate from –40°C to 125°C.
8.3.7 Small Easy-to-Route Package
The layout of this device makes it simple and easy to add protection to an existing layout. The packages offers
flow-through routing, requiring minimal modification to an existing layout.
8.4 Device Functional Modes
TPD2E2U06 is a passive integrated circuit that triggers when voltages are above VBR or below the lower diodes
Vf (–0.6 V). During ESD events, voltages as high as ±30 kV (air) can be directed to ground via the internal diode
network. Once the voltages on the protected line fall below the trigger levels of TPD2E2U06 (usually within 10’s
of nano-seconds) the device reverts to passive.
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPD2E2U06


同様の部品番号 - TPD2E2U06_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
More results

同様の説明 - TPD2E2U06_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com