データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD2E2U06-Q1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD2E2U06-Q1
部品情報  Automotive Dual-Channel High-Speed ESD Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06-Q1 データシート(HTML) 11 Page - Texas Instruments

Back Button TPD2E2U06-Q1 Datasheet HTML 7Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 8Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 9Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 10Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 11Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 12Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 13Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 14Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
±9
±8
±7
±6
±5
±4
±3
±2
±1
0
1
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Frequency (Hz)
C010
11
TPD2E2U06-Q1
www.ti.com
SLLSEJ9D – DECEMBER 2014 – REVISED MAY 2016
Product Folder Links: TPD2E2U06-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 Signal Range
The TPD2E2U06-Q1 device has 2 identical protection channels for signal lines. The symmetry of the device
provides flexibility when selecting which of the 2 I/O channels will protect which signal lines. Any I/O will support
a signal range of 0 to 5.5 V.
8.2.2.2 Operating Frequency
The TPD2E2U06-Q1 device has a capacitance of 1.5 pF (typical), supporting USB 2.0 data rates.
8.2.3 Application Curve
Figure 11. Insertion Loss Graph


同様の部品番号 - TPD2E2U06-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
More results

同様の説明 - TPD2E2U06-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com