データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4E05U06DQAR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD4E05U06DQAR
部品情報  1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E05U06DQAR データシート(HTML) 4 Page - Texas Instruments

  TPD4E05U06DQAR Datasheet HTML 1Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 2Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 3Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 4Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 5Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 6Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 7Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 8Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
NC
NC
NC
NC
GND
NC
NC
D1+
D1–
D2+
D2–
GND
D3+
D3–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
D1+
2
3
4
5
6
7
8
9
10
D1–
GND
D2+
D2–
NC
NC
GND
NC
NC
1
2
I/O
GND
4
TPD1E05U06, TPD4E05U06, TPD6E05U06
SLVSBO7J – DECEMBER 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPD1E05U06 TPD4E05U06 TPD6E05U06
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DPY Package
2-Pin X1SON
Top View
DQA Package
10-Pin USON
Top View
(1)
Place as close to the connector as possible.
RVZ Package
14-Pin USON
Top View
Pin Functions TPD1E05U06 DPY
PIN
TYPE
DESCRIPTION
NAME
NO.
I/O
1
I/O
ESD Protected Channel(1)
GND
2
Ground
Ground; Connect to ground
(1)
Place as close to the connector as possible.
Pin Functions TPD4E05U06 DQA
PIN
TYPE
DESCRIPTION
NAME
NO.
D1+
1
I/O
ESD Protected Channel(1)
D1–
2
I/O
ESD Protected Channel(1)
D2+
4
I/O
ESD Protected Channel(1)
D2–
5
I/O
ESD Protected Channel(1)


同様の部品番号 - TPD4E05U06DQAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E05U06DQAR TI-TPD4E05U06DQAR Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E05U06DQAR TI-TPD4E05U06DQAR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD4E05U06DQAR TI-TPD4E05U06DQAR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
logo
Shanghai Leiditech Elec...
TPD4E05U06DQAR LEIDITECH-TPD4E05U06DQAR Datasheet
913Kb / 9P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
Rev : 01.06.2021
logo
TECH PUBLIC Electronics...
TPD4E05U06DQAR TECHPUBLIC-TPD4E05U06DQAR Datasheet
1Mb / 5P
   4-Line Uni-directional TVS Diode
More results

同様の説明 - TPD4E05U06DQAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com