データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD2E2U06 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD2E2U06
部品情報  Automotive Dual-Channel High-Speed ESD Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06 データシート(HTML) 6 Page - Texas Instruments

Back Button TPD2E2U06 Datasheet HTML 2Page - Texas Instruments TPD2E2U06 Datasheet HTML 3Page - Texas Instruments TPD2E2U06 Datasheet HTML 4Page - Texas Instruments TPD2E2U06 Datasheet HTML 5Page - Texas Instruments TPD2E2U06 Datasheet HTML 6Page - Texas Instruments TPD2E2U06 Datasheet HTML 7Page - Texas Instruments TPD2E2U06 Datasheet HTML 8Page - Texas Instruments TPD2E2U06 Datasheet HTML 9Page - Texas Instruments TPD2E2U06 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0
100
200
300
400
500
±40
±15
10
35
60
85
110
135
Temperature (
ƒC)
C006
-0.001
-0.0005
0
0.0005
0.001
±2
±1
0
1
2
3
4
5
6
7
8
9
10
Voltage (V)
C005
±15
0
15
30
45
60
75
90
105
120
0
25
50
75
100
125
150
175
200
Time (ns)
C003
±120
±105
±90
±75
±60
±45
±30
±15
0
15
0
25
50
75
100
125
150
175
200
Time (ns)
C004
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
45
50
Voltage (V)
C001
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
45
50
Voltage (V)
C002
6
TPD2E2U06-Q1
SLLSEJ9D – DECEMBER 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPD2E2U06-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
Measured at TA = 25°C unless otherwise specified
Figure 1. TLP, Data to GND
Figure 2. TLP, GND to Data
Figure 3. IEC 61000-4-2 Clamping Voltage, 8-kV Contact
Figure 4. IEC 61000-4-2 Clamping Voltage, –8-kV Contact
Figure 5. IV Curve, TA = 25°C
Figure 6. ILEAK vs Temperature, VIN = 2.5 V


同様の部品番号 - TPD2E2U06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
More results

同様の説明 - TPD2E2U06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com