データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4E05U06 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD4E05U06
部品情報  Current Limit Switch and D/D??ESD Protection for USB Host Ports
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E05U06 データシート(HTML) 7 Page - Texas Instruments

Back Button TPD4E05U06 Datasheet HTML 3Page - Texas Instruments TPD4E05U06 Datasheet HTML 4Page - Texas Instruments TPD4E05U06 Datasheet HTML 5Page - Texas Instruments TPD4E05U06 Datasheet HTML 6Page - Texas Instruments TPD4E05U06 Datasheet HTML 7Page - Texas Instruments TPD4E05U06 Datasheet HTML 8Page - Texas Instruments TPD4E05U06 Datasheet HTML 9Page - Texas Instruments TPD4E05U06 Datasheet HTML 10Page - Texas Instruments TPD4E05U06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Time (ms)
-10
-5
0
5
10
15
20
25
30
35
0
0
0.5
0.08
1
0.16
1.5
0.24
2
0.32
2.5
0.4
3
0.48
3.5
0.56
4
0.64
4.5
0.72
5
0.8
5.5
0.88
6
0.96
6.5
1.04
7
1.12
7.5
1.2
D001
IN
OUT
EN
IOUT
Time (µs)
-4
-2
0
2
4
6
8
10
12
14
16
18
0
-4
0.5
0
1
4
1.5
8
2
12
2.5
16
3
20
3.5
24
4
28
4.5
32
5
36
5.5
40
6
44
6.5
48
7
52
7.5
56
D001
CIN = 300 2F, COUT = 150 2F
IN
OUT
IOUT
Time (ms)
-6
-4
-2
0
2
4
6
8
10
12
14
16
0
0
0.5
0.1
1
0.2
1.5
0.3
2
0.4
2.5
0.5
3
0.6
3.5
0.7
4
0.8
4.5
0.9
5
1
5.5
1.1
6
1.2
6.5
1.3
7
1.4
7.5
1.5
D001
IN
OUT
EN
IOUT
Time (ms)
-6
-4
-2
0
2
4
6
8
10
12
14
16
0
0
0.5
0.1
1
0.2
1.5
0.3
2
0.4
2.5
0.5
3
0.6
3.5
0.7
4
0.8
4.5
0.9
5
1
5.5
1.1
6
1.2
6.5
1.3
7
1.4
7.5
1.5
D001
IN
OUT
EN
IOUT
OUT
RLOAD
IN
150µF
0.1µF
1
EN
D1
D2
GND
Enable
Signal
VIN
VOUT
IOUT
TPD3S014, TPD3S044
www.ti.com
SLVSCP4B – OCTOBER 2014 – REVISED AUGUST 2015
7.7 Typical Characteristics
(1)
During the short applied tests, 300µF is used because of the use of an external supply.
Figure 1. Test Circuit for System Operation in Typical Characteristics
Figure 2. TPD3S014 Turn ON into 10
Figure 3. TPD3S014 Enable into Short
Figure 4. TPD3S014 Pulsed Output Short
Figure 5. TPD3S014 Short Applied
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD3S014 TPD3S044


同様の部品番号 - TPD4E05U06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E05U06 TI1-TPD4E05U06 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD4E05U06 TI1-TPD4E05U06 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
TPD4E05U06 TI-TPD4E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD4E05U06 TI-TPD4E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
More results

同様の説明 - TPD4E05U06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com