データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD3S014DBVR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD3S014DBVR
部品情報  Current Limit Switch and D/D??ESD Protection for USB Host Ports
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S014DBVR データシート(HTML) 1 Page - Texas Instruments

  TPD3S014DBVR Datasheet HTML 1Page - Texas Instruments TPD3S014DBVR Datasheet HTML 2Page - Texas Instruments TPD3S014DBVR Datasheet HTML 3Page - Texas Instruments TPD3S014DBVR Datasheet HTML 4Page - Texas Instruments TPD3S014DBVR Datasheet HTML 5Page - Texas Instruments TPD3S014DBVR Datasheet HTML 6Page - Texas Instruments TPD3S014DBVR Datasheet HTML 7Page - Texas Instruments TPD3S014DBVR Datasheet HTML 8Page - Texas Instruments TPD3S014DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
VBUS
D-
D
+
GND
USB3.0 Port
0. 1 µF
5V Source
USB Transceiver
TPD3S0x4
OUT
IN
D1
D2
EN
From Processor
150 µF
GND
VBUS
D-
D+
TX+
TX-
RX+
RX-
GND
TPD4E05U06
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPD3S014, TPD3S044
SLVSCP4B – OCTOBER 2014 – REVISED AUGUST 2015
TPD3S0x4 Current Limit Switch and D+/D– ESD Protection for USB Host Ports
1 Features
3 Description
The TPD3S0x4s are integrated devices that feature a
1
Continuous Current Ratings of 0.5 A and 1.5 A
current-limited
load
switch
and
a
two-channel
Fixed, Constant Current Limits of 0.85 A and
transient
voltage
suppressor
(TVS)
based
2.15 A (Typ)
electrostatic discharge (ESD) protection diode array
Fast Overcurrent Response – 2
μs
for USB interfaces.
Integrated Output Discharge
The TPD3S0x4 devices are intended for applications
Reverse Current Blocking
such as USB where heavy capacitive loads and
short-circuits
are
likely
to
be
encountered;
Short-Circuit Protection
TPD3S0x4s
provide
short-circuit
protection
and
Over Temperature Protection With Auto-Restart
overcurrent protection. The TPD3S0x4s limit the
Built-In Soft Start
output current to a safe level by operating in constant
current mode when the output load exceeds the
Ambient Temperature Range: –40°C to 85°C
current limit threshold. The fast overload response
Product Regulatory Compliance
eases the burden on the main 5-V power supply by
UL Recognized Component (UL 2367,
quickly regulating the power when the output is
Standard for Solid State Overcurrent
shorted. The rise and fall times for the current limit
Protectors)
switch are controlled to minimize current surges when
turning the device on and off.
CB File No. E169910 to IEC 60950-1,
Information Technology Equipment
The TPD3S014 and TPD3S044 will allow 0.5 A and
1.5 A of continuous current, respectively. The TVS
IEC 61000-4-2 Level 4 ESD Protection (External
diode array is rated to dissipate ESD strikes above
Pins)
the maximum level specified in the IEC 61000-4-2
±12-kV Contact Discharge (IEC 61000-4-2)
international standard.
±15-kV Air Gap Discharge (IEC 61000-4-2)
The high level of integration, combined with its easy-
to-route DBV package, allows this device to provide
2 Applications
great
circuit
protection
for
USB
interfaces
in
End Equipment:
applications like laptops, high-definition digital TVs,
set-top boxes, and electronic point of sale equipment.
Electronic Point of Sale (ESOP)
USB Hubs
Device Information(1)
Laptops, Desktops
PART NUMBER
PACKAGE
BODY SIZE (NOM)
High-Definition Digital TVs
2.90 mm × 2.80 mm
TPD3S0x4
DBV (6)
× 1.45 mm
Set-Top Boxes
(1) For all available packages, see the orderable addendum at
Interfaces:
the end of the data sheet.
USB Ports
5-V Power Rails
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - TPD3S014DBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD3S014 TI1-TPD3S014 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014TDBVRQ1 TI1-TPD3S014TDBVRQ1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
More results

同様の説明 - TPD3S014DBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com