データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4E001DPKT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD4E001DPKT
部品情報  Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001DPKT データシート(HTML) 5 Page - Texas Instruments

  TPD4E001DPKT Datasheet HTML 1Page - Texas Instruments TPD4E001DPKT Datasheet HTML 2Page - Texas Instruments TPD4E001DPKT Datasheet HTML 3Page - Texas Instruments TPD4E001DPKT Datasheet HTML 4Page - Texas Instruments TPD4E001DPKT Datasheet HTML 5Page - Texas Instruments TPD4E001DPKT Datasheet HTML 6Page - Texas Instruments TPD4E001DPKT Datasheet HTML 7Page - Texas Instruments TPD4E001DPKT Datasheet HTML 8Page - Texas Instruments TPD4E001DPKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TPD4E001
www.ti.com
SLLS682L – JULY 2006 – REVISED MAY 2016
Product Folder Links: TPD4E001
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
–0.3
7
V
VI/O
IO voltage tolerance
–0.3
VCC + 0.3
V
I(Surge)
IEC 61000-4-5 peak pulse current (TP = 8/20 µs), IOx pins
5.5
A
P(Surge)
IEC 61000-4-5 peak pulse power (TP = 8/20 µs), IOx pins
100
W
TJ
Junction temperature
150
°C
Bump temperature (soldering)
Infrared (15 s)
220
°C
Vapor phase (60 s)
215
Lead temperature (soldering, 10 s)
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
TPD4E001 in DRS, DRL, and DPK Packages
V(ESD)
Electrostatic discharge
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
All pins except 1, 2, 4, and
5
±2000
V
Pins 1, 2, 4, and 5
±15000
Charged-device model (CDM), per JEDEC
specification JESD22-C101(2)
All pins
±1000
TPD4E001 in DBV and DCK Packages
V(ESD)
Electrostatic discharge
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
All pins except 1, 3, 4, and
6
±2000
V
Pins 1, 3, 4, and 6
±15000
Charged-device model (CDM), per JEDEC
specification JESD22-C101(2)
All pins
±1000
6.3 ESD Ratings: Surge Protection
VALUE
UNIT
TPD4E001 in DRS, DRL, and DPK Packages
V(ESD)
Electrostatic discharge
IEC 61000-4-2 contact discharge
All pins
±8000
V
IEC 61000-4-2 air-gap discharge
All pins
±15000
TPD4E001 in DBV and DCK Packages
V(ESD)
Electrostatic discharge
IEC 61000-4-2 contact discharge
All pins
±8000
V
IEC 61000-4-2 air-gap discharge
All pins
±15000
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TA, operating free-air temperature range
–40
85
°C
Operating voltage
VCC pin
0.9
5.5
V
IO1, IO2 pins
0
VCC


同様の部品番号 - TPD4E001DPKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E001DPKT TI1-TPD4E001DPKT Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001DPKT TI1-TPD4E001DPKT Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001DPKT TI1-TPD4E001DPKT Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results

同様の説明 - TPD4E001DPKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com