データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4E110 データシート(PDF) 4 Page - Texas Instruments

部品番号 TPD4E110
部品情報  4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E110 データシート(HTML) 4 Page - Texas Instruments

  TPD4E110_16 Datasheet HTML 1Page - Texas Instruments TPD4E110_16 Datasheet HTML 2Page - Texas Instruments TPD4E110_16 Datasheet HTML 3Page - Texas Instruments TPD4E110_16 Datasheet HTML 4Page - Texas Instruments TPD4E110_16 Datasheet HTML 5Page - Texas Instruments TPD4E110_16 Datasheet HTML 6Page - Texas Instruments TPD4E110_16 Datasheet HTML 7Page - Texas Instruments TPD4E110_16 Datasheet HTML 8Page - Texas Instruments TPD4E110_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TPD4E110
SLVSC54B – JULY 2013 – REVISED APRIL 2014
www.ti.com
7.4 Thermal Information
TPD4E110
THERMAL METRIC(1)
UNIT
DPW
(4 TERMINALS)
RθJA
Junction-to-ambient thermal resistance
291.8
RθJC(top)
Junction-to-case (top) thermal resistance
224.2
RθJB
Junction-to-board thermal resistance
245.8
°C/W
ψJT
Junction-to-top characterization parameter
31.4
ψJB
Junction-to-board characterization parameter
245.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
195.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO = 10 μA
5.5
V
I = 1A, TLP, I/O to GND
10
V
I = 5A, TLP, I/O to GND
13
V
VCLAMP
Clamp voltage with ESD strike
I = 1A, TLP, GND to I/O
3
V
I = 5A, TLP, GND to I/O
6
V
VBR
Break-down voltage
IIO = 1mA
6.5
7.5
8.5
V
ILEAK
Leakage current
VIO = 2.5V
0.02
1
nA
Any I/O to GND Terminal(1)
0.8
Ω
RDYN
Dynamic resistance
GND to any I/O Terminal(1)
0.7
Ω
CL
Line capacitance
VIO = 2.5V, f = 1MHz, I/O to GND
0.45
0.55
pF
GND Terminal = 0V, f = 1MHz, VBIAS = 2.5 V,
Channel to channel input
CCROSS
0.003
pF
capacitance
between channel terminals
GND Terminal = 0V, f = 1MHz, VBIAS = 2.5 V,
Variation of channel input
ΔCIO-TO-GND
0.05
pF
Channel_x terminal to GND – Channel_y terminal to
capacitance
GND
(1)
Extraction of RDYN using least squares fit of TLP characteristics between I = 10A and I = 20A.
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPD4E110


同様の部品番号 - TPD4E110_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
More results

同様の説明 - TPD4E110_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com