データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC6A596DW データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC6A596DW
部品情報  POWER LOGIC 8-BIT SHIFT REGISTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6A596DW データシート(HTML) 5 Page - Texas Instruments

  TPIC6A596DW Datasheet HTML 1Page - Texas Instruments TPIC6A596DW Datasheet HTML 2Page - Texas Instruments TPIC6A596DW Datasheet HTML 3Page - Texas Instruments TPIC6A596DW Datasheet HTML 4Page - Texas Instruments TPIC6A596DW Datasheet HTML 5Page - Texas Instruments TPIC6A596DW Datasheet HTML 6Page - Texas Instruments TPIC6A596DW Datasheet HTML 7Page - Texas Instruments TPIC6A596DW Datasheet HTML 8Page - Texas Instruments TPIC6A596DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPIC6A596
POWER LOGIC 8BIT SHIFT REGISTER
SLIS094A − MARCH 2000 − REVISED MAY 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Logic supply voltage, VCC
4.5
5.5
V
High-level input voltage, VIH
0.85 VCC
VCC
V
Low-level input voltage, VIL
0
0.15 VCC
V
Pulsed drain output current, TC = 25°C, VCC = 5 V (see Notes 3 and 5)
− 1.8
0.6
A
Setup time, SER IN high before SRCK
↑, tsu (see Figure 2)
10
ns
Hold time, SER IN high after SRCK
↑, th (see Figure 2)
10
ns
Pulse duration, tw (see Figure 2)
20
ns
Operating case temperature, TC
−40
125
°C
NOTES:
3. Pulse duration
≤ 100 µs and duty cycle ≤ 2%.
5. Technique should limit TJ − TC to 10°C maximum.
electrical characteristics, VCC = 5 V, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX
Drain-to-source
breakdown voltage
ID = 1 mA
50
V
VSD
Source-to-drain diode
forward voltage
IF = 350 mA,
See Note 3
0.8
1.1
V
VOH
High-level output voltage,
IOH = − 20 µA
VCC −0.1
VCC
V
VOH
High-level output voltage,
SER OUT
IOH = − 4 mA
VCC −0.5 VCC −0.2
V
VOL
Low-level output voltage,
IOL = 20 µA
0
0.1
V
VOL
Low-level output voltage,
SER OUT
IOL = 4 mA
0.2
0.5
V
IIH
High-level input current
VI = VCC
1
µA
IIL
Low-level input current
VI = 0
−1
µA
IO(chop)
Output current at which
chopping starts
TC = 25°C,
See Note 5 and Figures 3 and 4
0.6
0.8
1.1
A
ICC
Logic supply current
IO = 0,
VI = VCC or 0
0.5
5
mA
ICC(FRQ)
Logic supply current at
frequency
fSRCK = 5 MHz,
IO = 0,
CL = 30 pF,
VI = VCC or 0,
VCC = 5 V, See Figure 7
1.3
mA
I(nom)
Nominal current
VDS(on) = 0.5 V,
I(nom) = ID,TC = 85°C,
VCC = 5 V,
See Notes 5, 6, and 7
350
mA
ID
Drain current, off-state
VDS = 40 V,
TC = 25°C
0.1
1
A
ID
Drain current, off-state
VDS = 40 V,
TC = 125°C
0.2
5
µA
rDS(on)
Static drain-source
ID = 350 mA,
TC = 25°C
See Notes 5 and 6 and
1
1.5
rDS(on)
Static drain-source
on-state resistance
ID = 350 mA,
TC = 125°C
See Notes 5 and 6 and
Figures 10 and 11
1.7
2.5
NOTES:
5. Technique should limit TJ − TC to 10°C maximum.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
7. Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a
voltage drop of 0.5 V at TC = 85°C.


同様の部品番号 - TPIC6A596DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6A596DW TI-TPIC6A596DW Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

同様の説明 - TPIC6A596DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com