データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2010D1YZF データシート(PDF) 2 Page - Texas Instruments

部品番号 TPA2010D1YZF
部品情報  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2010D1YZF データシート(HTML) 2 Page - Texas Instruments

  TPA2010D1YZF Datasheet HTML 1Page - Texas Instruments TPA2010D1YZF Datasheet HTML 2Page - Texas Instruments TPA2010D1YZF Datasheet HTML 3Page - Texas Instruments TPA2010D1YZF Datasheet HTML 4Page - Texas Instruments TPA2010D1YZF Datasheet HTML 5Page - Texas Instruments TPA2010D1YZF Datasheet HTML 6Page - Texas Instruments TPA2010D1YZF Datasheet HTML 7Page - Texas Instruments TPA2010D1YZF Datasheet HTML 8Page - Texas Instruments TPA2010D1YZF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPA2010D1
SLOS417A − OCTOBER 2003 − REVISED DECEMBER 2003
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ORDERING INFORMATION
TA
PACKAGE
PART NUMBER
SYMBOL
−40
°C to 85°C
Wafer chip scale package (YEF)
TPA2010D1YEF (1)
AJZ
−40
°C to 85°C
Wafer chip scale packaging − Lead free (YZF)
TPA2010D1YZF (1)
AKO
(1) The YEF and YZF packages are only available taped and reeled. To order add the suffix “R” to the end of the part number for a reel of 3000, or
add the suffix “T” to the end of the part number for a reel of 250 (e.g. TPA2010D1YEFR).
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPA2010D1
Supply voltage, VDD
In active mode
−0.3 V to 6 V
Supply voltage, VDD
In SHUTDOWN mode
−0.3 V to 7 V
Input voltage, VI
−0.3 V to VDD + 0.3 V
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature, TA
−40
°C to 85°C
Operating junction temperature, TJ
−40
°C to 125°C
Storage temperature, Tstg
−65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
YZF
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
YEF
235
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
High-level input voltage, VIH
SHUTDOWN
1.3
VDD
V
Low-level input voltage, VIL
SHUTDOWN
0
0.35
V
Input resistor, RI
Gain
≤ 20 V/V (26 dB)
15
k
Common mode input voltage range, VIC
VDD = 2.5 V, 5.5 V, CMRR ≤ −49 dB
0.5
VDD−0.8
V
Operating free-air temperature, TA
−40
85
°C
PACKAGE DISSIPATION RATINGS
PACKAGE
DERATING
FACTOR(1)
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
YEF
7.8 mW/
°C
780 mW
429 mW
312 mW
YZF
7.8 mW/
°C
780 mW
429 mW
312 mW
(1) Derating factor measure with High K board.


同様の部品番号 - TPA2010D1YZF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2010D1YZF TI-TPA2010D1YZF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YZFR TI-TPA2010D1YZFR Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YZFR TI1-TPA2010D1YZFR Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YZFT TI-TPA2010D1YZFT Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YZFT TI1-TPA2010D1YZFT Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

同様の説明 - TPA2010D1YZF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com