データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC44H01 データシート(PDF) 6 Page - Texas Instruments

部品番号 TPIC44H01
部品情報  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC44H01 データシート(HTML) 6 Page - Texas Instruments

Back Button TPIC44H01_15 Datasheet HTML 2Page - Texas Instruments TPIC44H01_15 Datasheet HTML 3Page - Texas Instruments TPIC44H01_15 Datasheet HTML 4Page - Texas Instruments TPIC44H01_15 Datasheet HTML 5Page - Texas Instruments TPIC44H01_15 Datasheet HTML 6Page - Texas Instruments TPIC44H01_15 Datasheet HTML 7Page - Texas Instruments TPIC44H01_15 Datasheet HTML 8Page - Texas Instruments TPIC44H01_15 Datasheet HTML 9Page - Texas Instruments TPIC44H01_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating case temperature and supply voltage
range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(PWR)
V(PWR)supplycurrent All outputs off, V(PWR)= 12 V
2
4
6
mA
ICCH
5-V supply current
All outputs off, VCC = 5.5 V
3
4
5
mA
Sleep state current
Sleep state (all outputs off)
I(PWR-sleep)
Slee state current
(IPWR)
Slee state (all out uts off),
VCC 55 V V(PWR) 12 V TC 25°C
15
40
µA
I(PWR-slee )
(IPWR)
VCC = 5.5 V, V(PWR) = 12 V, TC = 25°C
15
40
µA
Sleep state current
Sleep state (all outputs off)
ICCL(sleep)
Slee state current
(ICCL)
Slee state (all out uts off),
VCC 55 V V(PWR) 12 V TC 25°C
30
40
µA
ICCL(slee )
(ICCL)
VCC = 5.5 V, V(PWR) = 12 V, TC = 25°C
30
40
µA
VIT(POR)
Power-on reset
threshold, VCC
V(PWR) = 5.5 V, VCC increasing
3.4
3.9
4.4
V
Vhys(POR)
Power-on reset
threshold hysteresis,
VCC
V(PWR) = 5.5 V, VCC decreasing
100
300
500
mV
V(PWR) > 24 V, CP = 0.01 µF, CS = 0.1 µF,
40
44
V
(PWR)
,
µ ,
µ ,
I(CP) = – 2 mA, See Figure 8
40
44
V
V(PWR) =24V CP=001 µF CS=01 µF
V(PWR) = 24 V, CP = 0.01 µF, CS = 0.1 µF,
I(CP)
2 mA See Figure 8
38
40
42
V
V(CP)
Charge pump voltage
I(CP) = – 2 mA, See Figure 8
38
40
42
V
V(CP)
Charge um voltage
V(PWR) = 8 V, CP = 0.01 µF, CS = 0.1 µF,
11 5
13 5
V
(PWR)
,
µ ,
µ ,
I(CP) = – 2 mA, See Figure 8
11.5
13.5
V
V(PWR) = 5.5 V, CP = 0.01 µF,
CS = 0.1
µF, I(CP) = –2 mA, See Figure 8
6.8
7.5
V
V(OVLO)
Over-supply voltage
lockout
Gate disabled, See Figure 10
27.5
30
32.5
V
Vhys(OV)
Over-supply voltage
reset hysteresis
See Figure 10
0.5
1
2
V
8 V < V(PWR) < 24 V, IO = –100 µA,
V(PWR)+4
V(PWR)+18
V
VG
Gate drive voltage
(PWR)
, O
µ ,
All channels on, See Note 2
V(PWR)+4
V(PWR)+18
V
VG
Gate drive voltage
5.5 V < V(PWR) < 8 V, IO = –100 µA,
V(PWR)+1 5 V(PWR)+3 5
V
(PWR)
, O
µ ,
All channels on, See Note 2
V(PWR)+1.5 V(PWR)+3.5
V
VG(sleep)
External gate sleep
state voltage
IO = 100 µA, RESET = CS = 0 V
0
100
300
mV
VGS(clamp)
Gate-to-source clamp
voltage
SRCx = 0 V, Output on
15
17
19.5
V
VSG(clamp)
Source-to-gate clamp
voltage
Output off, II = 100 µA
6.5
8
9.5
V
IG(SRC )
Gate drive source
VG = 0 V, V(PWR) = 12 V
– 2.3
–3
– 3.7
mA
IG(SRCx)
current
VG = 10 V, V(PWR) = 12 V
– 1.4
–2
– 2.6
mA
IG(SNK )
Gate drive sink
VG = 2 V, V(PWR) = 12 V
1
1.5
2
mA
IG(SNKx)
current
VG= V(PWR) = 12 V
2
2.6
3.2
mA
V(open)
SRCx pin off-state
open-load detection
threshold
All outputs off, See Figure 11
1.9
2.4
2.6
V
Vhys(open)
Off-state open-load
hysteresis
All outputs off
–50
– 150
– 300
mV
† Device will function with degraded performance for a power supply voltage between 5.5 V and 8 V.
NOTE 2: For characterization purposes only, not implemented in production testing.


同様の部品番号 - TPIC44H01_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC44H01DA TI-TPIC44H01DA Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
More results

同様の説明 - TPIC44H01_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com