データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC0108B データシート(PDF) 9 Page - Texas Instruments

部品番号 TPIC0108B
部品情報  PWM CONTROL INTELLIGENT H-BRIDGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC0108B データシート(HTML) 9 Page - Texas Instruments

Back Button TPIC0108B Datasheet HTML 5Page - Texas Instruments TPIC0108B Datasheet HTML 6Page - Texas Instruments TPIC0108B Datasheet HTML 7Page - Texas Instruments TPIC0108B Datasheet HTML 8Page - Texas Instruments TPIC0108B Datasheet HTML 9Page - Texas Instruments TPIC0108B Datasheet HTML 10Page - Texas Instruments TPIC0108B Datasheet HTML 11Page - Texas Instruments TPIC0108B Datasheet HTML 12Page - Texas Instruments TPIC0108B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TPIC0108B
PWM CONTROL INTELLIGENT HBRIDGE
SLIS068A − NOVEMBER1998 − REVISED APRIL 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
protective functions and diagnostics
over current/short circuit
The TPIC0108B detects shorts to VCC, ground, or across the load being driven, by comparing the VDS voltage
drop across the DMOS outputs against the threshold voltage. The DMOS outputs of the TPIC0108B will be
disabled and the fault flags will be generated 10
µs after an over-current or short-circuit fault is detected. This
10
µs delay is long enough to serve as a de-glitch filter for high current transients, yet short enough to prevent
damage to the DMOS outputs. The DMOS outputs remain latched off until either IN1 or IN2 input is toggled.
In cases where the outputs have a continuous short-to-ground or when enabled from quiescent mode with a
short-to-ground already exists (current rise time faster than 0.5 A/
µs in both instances), the over-current
shutdown threshold will decrease to 3 A to reduce power dissipation. This reduction to 3 A is achieved since
the DMOS outputs will not be fully enhanced when the over-current threshold is reached if the current rise time
exceeds 0.5 A/
µs. Over-current and/or short-circuit protection is provided up to VCC = 16.5 V and a junction
temperature of 90
°C.
over temperature
The TPIC0108B disables all DMOS outputs and the fault flags will be set when TJ ≥140°C (min.). The DMOS
outputs remain latched off until either IN1 or IN2 input is toggled.
under voltage
The TPIC0108B disables all DMOS outputs when VCC ≤V(UVCC). The outputs will be re-enabled when
VCC ≥V(UVCC). No fault flags are set when under-voltage lockout occurs.
over voltage
In order to protect the DMOS outputs from damage caused by excessive supply voltage, the TPIC0108B
disables all outputs when VCC ≥V(OVCC). Once VCC ≤V(OVCC), either IN1 or IN2 input must be toggled to
re-enable the DMOS outputs.
cross conduction
Monitoring circuitry for each transistor detects whether the particular transistor is active to prevent the HSD or
LSD of the corresponding half H-bridge from conducting.
open circuit
During operation, the bridge current is controlled continuously. If the bridge current is >10 mA (min.) for a period
>1 ms (min.), the fault flags are set. However, the output transistors will not be disabled.
† All limits mentioned are typical values unless otherwise noted.
‡ If a short circuit occurs (i.e., the over-current detection circuitry is activated) at a supply voltage higher than 16.5 V and a junction temperature
higher than 90
°C, damage to the device may occur.


同様の部品番号 - TPIC0108B

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC0108B TI-TPIC0108B Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0108BDWP TI-TPIC0108BDWP Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

同様の説明 - TPIC0108B

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC0108B TI-TPIC0108B Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI1-TPIC0107B_10 Datasheet
289Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
   4ch PWM H-bridge Driver
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
[Old version datasheet]   Dual H-Bridge PWM Gate Driver
logo
Freescale Semiconductor...
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com