データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC2701MJB データシート(PDF) 9 Page - Texas Instruments

部品番号 TPIC2701MJB
部品情報  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2701MJB データシート(HTML) 9 Page - Texas Instruments

Back Button TPIC2701MJB Datasheet HTML 5Page - Texas Instruments TPIC2701MJB Datasheet HTML 6Page - Texas Instruments TPIC2701MJB Datasheet HTML 7Page - Texas Instruments TPIC2701MJB Datasheet HTML 8Page - Texas Instruments TPIC2701MJB Datasheet HTML 9Page - Texas Instruments TPIC2701MJB Datasheet HTML 10Page - Texas Instruments TPIC2701MJB Datasheet HTML 11Page - Texas Instruments TPIC2701MJB Datasheet HTML 12Page - Texas Instruments TPIC2701MJB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A − SEPTEMBER 1992 − REVISED SEPTEMBER 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
GATE-SOURCE THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
2.5
2
1
0.5
0
1.5
TA − Free-Air Temperature − °C
0
125
50
− 50
− 25
25
100
75
ID = 10 mA
ID = 1 mA
GATE-SOURCE VOLTAGE
vs
GATE CHARGE
Q − Gate Charge − nC
10
8
4
2
0
6
0
0.3
1.5
2.1
14
12
16
3
1.8
2.7
2.4
0.6 0.9 1.2
18
20
ID = 0.25 A
TA = 25°C
VDS = 20 V
VDS = 30 V
VDS = 48 V
Figure 9
Figure 10
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN DIODE VOLTAGE
VSD − Source-to-Drain Diode Voltage − V
2.5
2
1
0.5
0
1.5
0
0.2
1
1.4
3
2
1.2
1.8
1.6
0.4 0.6 0.8
0.04
0.02
0.01
0.5
0.55
0.6
0.65
0.7
0.75
0.8
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN DIODE VOLTAGE
0.85
0.9
0.1
0.07
0.4
0.2
1
0.7
VSD − Source-to-Drain Diode Voltage − V
TA = 125°C
TA = 25°C
TA = 25°C
Figure 11
Figure 12


同様の部品番号 - TPIC2701MJB

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2701MJ TI-TPIC2701MJ Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

同様の説明 - TPIC2701MJB

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com