データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC2101DR データシート(PDF) 5 Page - Texas Instruments

部品番号 TPIC2101DR
部品情報  DC BRUSH MOTOR CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2101DR データシート(HTML) 5 Page - Texas Instruments

  TPIC2101DR Datasheet HTML 1Page - Texas Instruments TPIC2101DR Datasheet HTML 2Page - Texas Instruments TPIC2101DR Datasheet HTML 3Page - Texas Instruments TPIC2101DR Datasheet HTML 4Page - Texas Instruments TPIC2101DR Datasheet HTML 5Page - Texas Instruments TPIC2101DR Datasheet HTML 6Page - Texas Instruments TPIC2101DR Datasheet HTML 7Page - Texas Instruments TPIC2101DR Datasheet HTML 8Page - Texas Instruments TPIC2101DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TPIC2101
DC BRUSH MOTOR CONTROLLER
SLIS060 – OCTOBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
current limit protection
Current through the motor is limited by lowering the GD terminal PWM when a high current situation occurs.
If the condition persists, the device shuts off the gate drive (GD terminal) until the circuit is reset externally by
entering the sleep state.
theory of operation
This section explains the normal circuit operation for the automatic and manual states.
power supply and oscillator
Positive voltage is supplied to the integrated circuit on the Vbat terminal, ground is the GND terminal. The IC
steps down the Vbat supply to the regulated 5.5 V supply at the V5P5 terminal. AREF is shorted to V5P5 in run
state and disconnected when the IC is in sleep state. Two terminal connections (COSC and ROSC) are provided
to control an internal oscillator. The oscillator freq, f(osc), is defined by the following equation:
f
(osc) +
2
ROSC
COSC
Nominal oscillator frequency is 20-kHz based on the recommended components.
automatic mode signal decoding
In automatic state, a high-to-low signal transition on the AUTO terminal (open collector) will wake the device
from the sleep state into the run state. The speed command information is contained in the duty cycle of a 100 Hz
PWM signal on the same terminal. The speed information is inverted, i.e. a signal that is 10% high commands
a faster speed than a 20% high signal. In automatic mode the MAN terminal is floating. The device is capable
of rejecting
± 2 V of ground offset VIO between the open-collector switching transistor and the GND terminal
without affecting the output duty cycle. Two terminals are provided for an RC integrator (SPEED and INT) to
average the incoming PWM signal for use as a PWM comparator input. Figure 2 illustrates the automatic state
connections.
2
3
499
499
No Connection
I = 100
µA
VIO
20 k
Ω min
27.4 k
14 2.75 V
4
7
4.7
µF
MAN
AUTO
CCS
SPEED
INT
TPIC2101
Figure 2. Automatic Mode Connections


同様の部品番号 - TPIC2101DR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2101D TI-TPIC2101D Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
More results

同様の説明 - TPIC2101DR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Unisonic Technologies
UMD9111 UTC-UMD9111 Datasheet
184Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
logo
Unisonic Technologies
UMD9113 UTC-UMD9113 Datasheet
164Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
   Brush type DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com