データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC2701N データシート(PDF) 1 Page - Texas Instruments

部品番号 TPIC2701N
部品情報  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2701N データシート(HTML) 1 Page - Texas Instruments

  TPIC2701N Datasheet HTML 1Page - Texas Instruments TPIC2701N Datasheet HTML 2Page - Texas Instruments TPIC2701N Datasheet HTML 3Page - Texas Instruments TPIC2701N Datasheet HTML 4Page - Texas Instruments TPIC2701N Datasheet HTML 5Page - Texas Instruments TPIC2701N Datasheet HTML 6Page - Texas Instruments TPIC2701N Datasheet HTML 7Page - Texas Instruments TPIC2701N Datasheet HTML 8Page - Texas Instruments TPIC2701N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A − SEPTEMBER 1992 − REVISED SEPTEMBER 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Seven 0.5-A Independent Output Channels
D Integrated Clamp Diode With Each Output
D Low rDS(on) . . . 0.5 Ω Typical
D Output Voltage ...60 V
D Pulsed Current ...3 A Per Channel
D Avalanche Energy . . . 22 mJ
description
The TPIC2701 is a monolithic power DMOS
transistor array that consists of seven indepen-
dent N-channel enhancement-mode DMOS
transistors connected in a common-source
configuration with open drains. The TPIC2701 is
pin-for-pin functionally compatible with the Texas
Instruments ULN2001A through ULN2004A.
The TPIC2701 is characterized for operation over
a temperature range of 0°C to 125°C.The
TPIC2701M is characterized for operation over
the full military temperature range of −55°C to
125°C.
logic diagram
CLAMP
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
DRAIN6
DRAIN7
GATE1
GATE2
GATE3
GATE4
GATE5
GATE6
GATE7
1
2
3
4
5
6
7
SOURCE
8
9
16
15
14
13
12
11
10
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright © 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GATE1
GATE2
GATE3
GATE4
GATE5
GATE6
GATE7
SOURCE
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
DRAIN6
DRAIN7
CLAMP
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GATE1
GATE2
GATE3
NC
NC
GATE4
GATE5
NC
GATE6
GATE7
SOURCE
SOURCE
DRAIN1
DRAIN2
DRAIN3
NC
NC
DRAIN4
DRAIN5
NC
DRAIN6
DRAIN7
CLAMP
SOURCE
TPIC2701M
J PACKAGE
(TOP VIEW)
NC − No internal connection
TPIC2701
N PACKAGE
(TOP VIEW)
Refer to the mechanical data for the JW package.


同様の部品番号 - TPIC2701N

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2701N TI-TPIC2701N Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

同様の説明 - TPIC2701N

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com