データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC2810DG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC2810DG4
部品情報  8-BIT LED DRIVER WITH 12C INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2810DG4 データシート(HTML) 5 Page - Texas Instruments

  TPIC2810DG4 Datasheet HTML 1Page - Texas Instruments TPIC2810DG4 Datasheet HTML 2Page - Texas Instruments TPIC2810DG4 Datasheet HTML 3Page - Texas Instruments TPIC2810DG4 Datasheet HTML 4Page - Texas Instruments TPIC2810DG4 Datasheet HTML 5Page - Texas Instruments TPIC2810DG4 Datasheet HTML 6Page - Texas Instruments TPIC2810DG4 Datasheet HTML 7Page - Texas Instruments TPIC2810DG4 Datasheet HTML 8Page - Texas Instruments TPIC2810DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPIC2810
8BIT LED DRIVER WITH I2C INTERFACE
SLIS109A − DECEMBER 2001 − REVISED SEPTEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = 5 V, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Logic supply voltage
3
5.5
V
V(BR)DSX
Drain-to-source breakdown voltage
ID = 1 mA
40
V
VSD
Source-to-drain diode forward
voltage
IF = 100 mA
0.85
1.2
V
VPUC
Power-up clear voltage
VCC rising no load,
See Note 5
2.84
V
IIH
High-level input current
VCC = 5.5 V,
VI = VCC
1
µA
IIL
Low-level input current
VCC = 5.5 V,
VI = 0
−1
µA
VHYS
Digital input hysteresis
1.1
V
ICC
Logic supply current
VCC = 5.5 V
All outputs off
0.62
1
mA
ICC
Logic supply current
VCC = 5.5 V
All outputs on
0.7
1
mA
ICC(FRQ)
Logic supply current at frequency
fSCL = 100 kHz,
All outputs off,
CL = 30 pF,
See Figure 3
0.74
1
mA
IOL
Low level output current; SDA
VOL = 0.4 V
13
mA
IL
Leakage current; SDA
VI = VCC
−1
1
µA
IN
Nominal current
VDS(on) = 0.5 V,
TC = 85°C,
IN = ID,
See Notes 4, 6, 7
75
mA
IDSX
Off-state drain current
VDS = 30 V
VCC = 5.5 V
0.3
0.6
A
IDSX
Off-state drain current
VDS = 30 V, TC = 125°C
VCC = 5.5 V
0.3
0.6
µA
TTSD
Thermal shutdown set points
160
°C
THYS
Thermal shutdown hysteresis
10
20
30
°C
ID = 100 mA, VCC = 3 V
8.0
10.8
ID = 100 mA, VCC = 4.5 V
5.1
6.9
rDS(on)
Static drain-source on-state
resistance
ID = 100 mA, VCC = 3.0 V,
TC = 125°C
See Notes 4 and 6
and Figures 4 and 5
13.0
18.2
resistance
ID = 100 mA, VCC = 4.5 V,
TC = 125°C
and Figures 4 and 5
8.0
11.2
NOTES:
4. Technique must limit TJ − TC to 10°C maximum
5. The power-up clear resets the I2C interface and clears all outputs.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
7. Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a
voltage of 0.5 V at TC = 85°C.


同様の部品番号 - TPIC2810DG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
More results

同様の説明 - TPIC2810DG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
ELMOS Semiconductor AG
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
   8 Channel LED Driver with I짼C Interface
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
[Old version datasheet]   3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
SamHop Microelectronics...
SM6B595 SAMHOP-SM6B595 Datasheet
149Kb / 9P
   8-BIT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com