データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC3302 データシート(PDF) 6 Page - Texas Instruments

部品番号 TPIC3302
部品情報  3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC3302 データシート(HTML) 6 Page - Texas Instruments

Back Button TPIC3302 Datasheet HTML 2Page - Texas Instruments TPIC3302 Datasheet HTML 3Page - Texas Instruments TPIC3302 Datasheet HTML 4Page - Texas Instruments TPIC3302 Datasheet HTML 5Page - Texas Instruments TPIC3302 Datasheet HTML 6Page - Texas Instruments TPIC3302 Datasheet HTML 7Page - Texas Instruments TPIC3302 Datasheet HTML 8Page - Texas Instruments TPIC3302 Datasheet HTML 9Page - Texas Instruments TPIC3302 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TPIC3302
3CHANNEL COMMONDRAIN POWER DMOS ARRAY
SLIS021B − APRIL 1994 − REVISED JULY 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251−1443
2−6
TYPICAL CHARACTERISTICS
0.1
1
0.01
0.1
1
10
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
VGS = 15 V
VGS = 10 V
ID − Drain Current − A
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
1
0
2
3
1
234
4
56
7
8
9
10
0
5
VDS − Drain-to-Source Voltage − V
15 V
nVGS = 0.2 V
TJ = 25°C
Unless Otherwise
Noted
VGS = 5 V
VGS = 3 V
VGS = 4 V
10 V
TJ = 25°C
Figure 7
Figure 8
0.15
0.05
0.4
0
0.3
0.2
0.35
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
0.5
0.45
0.25
0.1
Total Number of Units = 639
2.5
2
1
0.5
0
4.5
1.5
0
1
2
3456
3.5
3
4
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
5
78
9
10
TJ = 125°C
TJ = − 40°C
TJ = 25°C
TJ = 75°C
TJ = 150°C
VGS − Gate-to-Source Voltage − V
gfs − Forward Transconductance − S
TJ = 25°C
Figure 9
Figure 10


同様の部品番号 - TPIC3302

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results

同様の説明 - TPIC3302

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com