データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1GB データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 UF1GB
部品情報  SURFACE MOUNT ULTAFAST RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF1GB データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  UF1GB Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF1GB Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF1DB
UF1BB
UF1AB - UF1MB
CURRENT: 1.0 A
VOLTAGE RANGE: 50 - 1000V
SURFACE MOUNT ULTAFAST RECTIFIER DIODES
Features
Glass Passivated Die Construction
Diffused Junction
Ultra-Fast Recovery Time for High Efficiency
Low Forward Voltage Drop, High Current
Capability, and Low Power Loss
Ideally Suited for Automated Assembly
Plastic Material: UL Flammability
Classification Rating 94V-0
UF1MB
UF1KB
UF1GB
UF1JB
UF1AB
1.0
50
75
100.0
5.0
1.7
1.4
1.0
A
µ
C
ns
700
1000
VRRM
VRMS
VDC
I(AV)
IFSM
VF
25.0
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=65 C (NOTE 1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
TL=25 C
Maximum reverse recovery time (NOTE 2)
Operating junction and storage temperature range TJ,TSTG
-50 to +150
trr
70
100
280
400
140
200
420
600
560
800
35
50
50
100
200
400
600
800
1000
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Note:
180
K/W
3.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Averaged over any 20ms period.
2.Measured with IF=0.5A, IR=1A, Irr=0.25A.
4.Thermal resistance junction to ambient, 6.0 mm2 coppeer pads to each terminal.
Typical thermal resistance (NOTE 4)
R
θJA
Characteristic
Symbol
Unit
V
V
V
V
A
A
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Mechanical Data
Case: SMB/DO-214AA, Molded Plastic
Weight: 0.093 grams (approx.)
!
!
!
!
!
!
!
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
1 of 2
www.sunmate.tw


同様の部品番号 - UF1GB

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
UF1GB LUGUANG-UF1GB Datasheet
170Kb / 2P
   Surface Mount Rectifiers
More results

同様の説明 - UF1GB

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
US1AB SUNMATE-US1AB Datasheet
293Kb / 2P
   SURFACE MOUNT ULTAFAST RECTIFIER DIODES
UH2B SUNMATE-UH2B Datasheet
394Kb / 2P
   SUFACE MOUNT ULTAFAST PLASTIC RECTIFIER DIODES
S6A SUNMATE-S6A Datasheet
668Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
S8A SUNMATE-S8A Datasheet
307Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
GS5A SUNMATE-GS5A Datasheet
314Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
S07AF SUNMATE-S07AF Datasheet
1Mb / 2P
   SURFACE MOUNT RECTIFIER DIODES
GS1AF SUNMATE-GS1AF Datasheet
516Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
GS2A SUNMATE-GS2A Datasheet
576Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
DSR05A SUNMATE-DSR05A Datasheet
385Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
S3AC SUNMATE-S3AC Datasheet
310Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com