データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF07B データシート(PDF) 2 Page - SUNMATE electronic Co., LTD

部品番号 UF07B
部品情報  SUFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF07B データシート(HTML) 2 Page - SUNMATE electronic Co., LTD

  UF07B Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF07B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
0.2
0.6
1.0
1.4
1.8
2.0
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
0.01
0.1
1
20
10
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
TJ=25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
UF07A-UF07D
UF07G
UF07J-UF07M
30
25
20
15
10
5.0
0
NUMBER OF CYCLES AT 60 Hz
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
RATINGS AND CHARACTERISTIC CURVES UF07A THRU UF07M
2 of 2
www.sunmate.tw


同様の部品番号 - UF07B

メーカー部品番号データシート部品情報
logo
Shenzhen Taychipst Elec...
UF07B TAYCHIPST-UF07B Datasheet
3Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
UF07B LUGUANG-UF07B Datasheet
218Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
UF07B CHENDA-UF07B Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
UF07B DGNJDZ-UF07B Datasheet
2Mb / 3P
   1 Amp Ultra Fast Recovery
logo
Diode Semiconductor Kor...
UF07B DSK-UF07B Datasheet
266Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

同様の説明 - UF07B

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SOD1F1 SUNMATE-SOD1F1 Datasheet
356Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
SM101 SUNMATE-SM101 Datasheet
325Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
RS1001FL SUNMATE-RS1001FL Datasheet
313Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
DFR05A SUNMATE-DFR05A Datasheet
328Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
FSM11PL SUNMATE-FSM11PL Datasheet
310Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
DFR1A SUNMATE-DFR1A Datasheet
433Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
FR1AFL SUNMATE-FR1AFL Datasheet
303Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
RS1AFL SUNMATE-RS1AFL Datasheet
306Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
FFM101 SUNMATE-FFM101 Datasheet
368Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
DFR0.5A SUNMATE-DFR0.5A Datasheet
365Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com