データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL5010 データシート(PDF) 5 Page - Texas Instruments

部品番号 TPL5010
部品情報  TPL5010 Nano-power System Timer with Watchdog Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5010 データシート(HTML) 5 Page - Texas Instruments

  TPL5010_16 Datasheet HTML 1Page - Texas Instruments TPL5010_16 Datasheet HTML 2Page - Texas Instruments TPL5010_16 Datasheet HTML 3Page - Texas Instruments TPL5010_16 Datasheet HTML 4Page - Texas Instruments TPL5010_16 Datasheet HTML 5Page - Texas Instruments TPL5010_16 Datasheet HTML 6Page - Texas Instruments TPL5010_16 Datasheet HTML 7Page - Texas Instruments TPL5010_16 Datasheet HTML 8Page - Texas Instruments TPL5010_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TPL5010
www.ti.com
SNAS651 – JANUARY 2015
Product Folder Links: TPL5010
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
Electrical Characteristics Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions
result in very limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
Limits are specified by testing, design, or statistical analysis at 25°C. Limits over the operating temperature range are specified through
correlations using statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
The supply current excludes load and pull-up resistor current. Input pins are at GND or VDD.
(5)
The accuracy for time interval settings below 1second is ±100ms.
(6)
This parameter is specified by design and/or characterization and is not tested in production.
(7)
Operational life time test procedure equivalent to 10 years.
7.5 Electrical Characteristics
(1)
Specifications are for TA= 25°C, VDD-GND=2.5 V, unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
POWER SUPPLY
IDD
Supply current(4)
Operation mode
35
50
nA
Digital conversion of external
resistance (Rext)
200
400
µA
TIMER
tIP
Time Interval Period
1650 selectable
Time Intervals
Min time interval
100
ms
Max time
interval
7200
s
Time Interval Setting Accuracy(5)
Excluding the precision of Rext
±0.6%
Timer Interval Setting Accuracy over
supply voltage
1.8V
≤ VDD ≤ 5.5V
±25
ppm/V
tOSC
Oscillator Accuracy
-0.5%
0.5%
Oscillator Accuracy over
temperature(6)
-40°C
≤TA≤105°C
±100
±400
ppm/°C
Oscillator Accuracy over supply
voltage
1.8V
≤ VDD ≤ 5.5V
±0.4
%/V
Oscillator Accuracy over life time(7)
0.24%
tDONE
DONE Pulse width (6)
100
ns
tRSTn
RSTn Pulse width
320
ms
tWAKE
WAKE Pulse width
20
ms
t_Rext
Time to convert Rext
100
120
ms
DIGITAL LOGIC LEVELS
VIH
Logic High Threshold DONE pin
0.7xVDD
V
VIL
Logic Low Threshold DONE pin
0.3xVDD
V
VOH
Logic output High Level WAKE pin
Iout = 100 µA
VDD-0.3
V
Iout = 1 mA
VDD-0.7
V
VOL
Logic output Low Level WAKE pin
Iout = -100 µA
0.3
V
Iout = -1 mA
0.7
V
VOLRSTn
RSTn Logic output Low Level
IOL= -1 mA
0.3
V
IOHRSTn
RSTn High Level output current
VOHRSTn=VDD
1
nA
VIHM_RST
Logic High Threshold
DELAY/M_RST pin
1.5
V


同様の部品番号 - TPL5010_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCRQ1 TI1-TPL5010QDDCRQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCTQ1 TI1-TPL5010QDDCTQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
More results

同様の説明 - TPL5010_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com