データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL5010 データシート(PDF) 7 Page - Texas Instruments

部品番号 TPL5010
部品情報  TPL5010 Nano-power System Timer with Watchdog Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5010 データシート(HTML) 7 Page - Texas Instruments

Back Button TPL5010_16 Datasheet HTML 3Page - Texas Instruments TPL5010_16 Datasheet HTML 4Page - Texas Instruments TPL5010_16 Datasheet HTML 5Page - Texas Instruments TPL5010_16 Datasheet HTML 6Page - Texas Instruments TPL5010_16 Datasheet HTML 7Page - Texas Instruments TPL5010_16 Datasheet HTML 8Page - Texas Instruments TPL5010_16 Datasheet HTML 9Page - Texas Instruments TPL5010_16 Datasheet HTML 10Page - Texas Instruments TPL5010_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Accuracy (%)
0
5%
10%
15%
20%
25%
30%
35%
40%
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
Time (s)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.01
0.1
1
10
100
1000
POR
REXT READING
TIMER MODE
Supply Voltage (V)
1.5
1.9
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
-1
-0.5
0
0.5
1
1.5
2
TA= -40°C
TA= 25°C
TA= 70°C
TA= 105°C
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110
-1
-0.5
0
0.5
1
1.5
2
VDD= 1.8V
VDD= 2.5V
VDD= 3.3V
VDD= 5.5V
Supply Voltage (V)
1.5
1.9
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
20
30
40
50
60
70
80
TA= -40°C
TA= 25°C
TA= 70°C
TA= 105°C
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110
20
30
40
50
60
70
80
VDD= 1.8V
VDD= 2.5V
VDD= 3.3V
VDD= 5.5V
7
TPL5010
www.ti.com
SNAS651 – JANUARY 2015
Product Folder Links: TPL5010
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
7.7 Typical Characteristics
Figure 2. IDD vs. VDD
Figure 3. IDD vs. Temperature
Figure 4. Oscillator Accuracy vs. VDD
Figure 5. Oscillator Accuracy vs. Temperature
Figure 6. IDD vs. Time
number of
observations
>20000
1s < tIP ≤ 7200s
Figure 7. Time Interval Setting Accuracy


同様の部品番号 - TPL5010_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCRQ1 TI1-TPL5010QDDCRQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCTQ1 TI1-TPL5010QDDCTQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
More results

同様の説明 - TPL5010_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com