データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL5111 データシート(PDF) 7 Page - Texas Instruments

部品番号 TPL5111
部品情報  TPL5111 Nano-Power System Timer for Power Gating
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5111 データシート(HTML) 7 Page - Texas Instruments

Back Button TPL5111_16 Datasheet HTML 3Page - Texas Instruments TPL5111_16 Datasheet HTML 4Page - Texas Instruments TPL5111_16 Datasheet HTML 5Page - Texas Instruments TPL5111_16 Datasheet HTML 6Page - Texas Instruments TPL5111_16 Datasheet HTML 7Page - Texas Instruments TPL5111_16 Datasheet HTML 8Page - Texas Instruments TPL5111_16 Datasheet HTML 9Page - Texas Instruments TPL5111_16 Datasheet HTML 10Page - Texas Instruments TPL5111_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Accuracy (%)
0
5%
10%
15%
20%
25%
30%
35%
40%
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
Time (s)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.01
0.1
1
10
100
1000
POR
REXT READING
TIMER MODE
Supply Voltage (V)
1.5
1.9
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
-1
-0.5
0
0.5
1
1.5
2
TA= -40°C
TA= 25°C
TA= 70°C
TA= 105°C
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110
-1
-0.5
0
0.5
1
1.5
2
VDD= 1.8V
VDD= 2.5V
VDD= 3.3V
VDD= 5.5V
Supply Voltage (V)
1.5
1.9
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
20
30
40
50
60
70
80
TA= -40°C
TA= 25°C
TA= 70°C
TA= 105°C
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110
20
30
40
50
60
70
80
VDD= 1.8V
VDD= 2.5V
VDD= 3.3V
VDD= 5.5V
TPL5111
www.ti.com
SNAS659A – JUNE 2015 – REVISED JULY 2015
6.7 Typical Characteristics
Figure 2. IDD vs. VDD
Figure 3. IDD vs. Temperature
Figure 4. Oscillator Accuracy vs. VDD
Figure 5. Oscillator Accuracy vs. Temperature
number of
1s < tIP ≤ 7200s
observations
>20000
Figure 7. Time Interval Setting Accuracy
Figure 6. IDD vs. Time
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPL5111


同様の部品番号 - TPL5111_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5111EVM TI-TPL5111EVM Datasheet
1Mb / 21P
[Old version datasheet]   TPL5111EVM User s Guide
More results

同様の説明 - TPL5111_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5110 TI1-TPL5110_16 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
   System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com