データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM2Z4V7 データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 SM2Z4V7
部品情報  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM2Z4V7 データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  SM2Z4V7 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM2Z4V7 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER: 2.0Wa t t s
VOLTAGE RANGE: 3.6 - 200V
SURFACE MOUNT SILICON ZENER DIODES
1 of 2
Features
Low leakage current
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75
°C (Note1)
PD
2.0
Watts
Maximum Forward Voltage at IF = 200 mA
VF
1.2
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note2)
R
θJA
60
K / W
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
1 of 2
!
!
per MIL-STD-750, Method 2026
!
!
!
Mechanical Data
!
!
!
!
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)
www.sunmate.tw
Maximum Ratings TA = 25°C unless otherwise specified
Complete Voltage Range 3.6 to 200 Volts
High peak reverse power dissipation
High reliability
Case: SMA/DO-214AC, Molded Plastic
Terminals: Solder Plated, Solderable
Polarity: Cathode Band or Cathode Notch
Marking: Type Number
Weight: 0.064 grams (approx.)
SM2Z3V6 - SM2Z200


同様の部品番号 - SM2Z4V7

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SM2 ETC-SM2 Datasheet
422Kb / 1P
   SURFACE MOUNT PRECISION PLATE RESISTORS
logo
Pulse A Technitrol Comp...
SM2 PULSE-SM2 Datasheet
224Kb / 8P
   2Watt Pulse, Electrostatically Shielded
logo
List of Unclassifed Man...
SM2 ETC-SM2 Datasheet
800Kb / 5P
   SM Solenoids
18/8/15
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
logo
Guangdong Youtai Semico...
SM20 UMW-SM20 Datasheet
425Kb / 3P
   TVS Diode Array
More results

同様の説明 - SM2Z4V7

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com