データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


SM2Z6V2 データシート(Datasheet) 1 Page - SUNMATE electronic Co., LTD

部品番号. SM2Z6V2
部品情報  SURFACE MOUNT SILICON ZENER DIODES
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo 

   
 1 page
background image
POWER: 2.0Wa t t s
VOLTAGE RANGE: 3.6 - 200V
SURFACE MOUNT SILICON ZENER DIODES
1 of 2
Features
Low leakage current
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75
°C (Note1)
PD
2.0
Watts
Maximum Forward Voltage at IF = 200 mA
VF
1.2
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note2)
R
θJA
60
K / W
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
1 of 2
!
!
per MIL-STD-750, Method 2026
!
!
!
Mechanical Data
!
!
!
!
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)
www.sunmate.tw
Maximum Ratings TA = 25°C unless otherwise specified
Complete Voltage Range 3.6 to 200 Volts
High peak reverse power dissipation
High reliability
Case: SMA/DO-214AC, Molded Plastic
Terminals: Solder Plated, Solderable
Polarity: Cathode Band or Cathode Notch
Marking: Type Number
Weight: 0.064 grams (approx.)
SM2Z3V6 - SM2Z200




Html ページ

1  2 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl