データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB5930 データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 SMB5930
部品情報  SURFACE MOUNT SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMB5930 データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMB5930 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMB5930 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMB5930 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER: 3.0Wa t t s
VOLTAGE RANGE: 3.3 - 200V
1 of 3
Flat handling surface for accurate placement
High peak reverse power dissipation
Complete Voltage Range 3.3 to 200 Volts
Rating
Symbol
Value
Unit
Maximum Steady State Power Dissipation at TL = 75°C,
PD
3.0
W
Measured at Zero Lead Length
Derate Above 75
°C
40
mW/
°C
Thermal Resistance From Junction to Lead
RθJL
25
°C/W
Maximum Steady State Power Dissipation at Ta = 25
°C
PD
550
mW
Measured at Zero Lead Length
Derate Above 25
°C
4.4
mW/
°C
Thermal Resistance From Junction to Ambient
RθJA
226
°C/W
Maximum Forward Voltage at IF = 200 mA
VF
1.5
Volts
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
Tstg
- 65 to + 150
°C
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Mounting position : Any
Polarity : Color band denotes cathode end
Lead : Lead formed for Surface mount
Epoxy : UL94V-O rate flame retardant
Case : SMB (DO-214AA) Molded plastic
Mechanical Data
Weight : 0.339 gram
!
!
!
!
!
!
!
!
!
www.sunmate.tw
SURFACE MOUNT SILICON ZENER DIODES
SMB5913 - SMB5956
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J


同様の部品番号 - SMB5930

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SMB5930B SECOS-SMB5930B Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
PACELEADER INDUSTRIAL
SMB5930B PACELEADER-SMB5930B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
SeCoS Halbleitertechnol...
SMB5930B SECOS-SMB5930B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMB5930B WEITRON-SMB5930B Datasheet
81Kb / 2P
   Surface Mount Zener Diodes
logo
Dc Components
SMB5930B DCCOM-SMB5930B Datasheet
49Kb / 2P
   RECTIFIER SPECIALISTS
More results

同様の説明 - SMB5930

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com