データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMZ52 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 KMZ52
部品情報  Magnetic Field Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ52 データシート(HTML) 4 Page - NXP Semiconductors

  KMZ52 Datasheet HTML 1Page - NXP Semiconductors KMZ52 Datasheet HTML 2Page - NXP Semiconductors KMZ52 Datasheet HTML 3Page - NXP Semiconductors KMZ52 Datasheet HTML 4Page - NXP Semiconductors KMZ52 Datasheet HTML 5Page - NXP Semiconductors KMZ52 Datasheet HTML 6Page - NXP Semiconductors KMZ52 Datasheet HTML 7Page - NXP Semiconductors KMZ52 Datasheet HTML 8Page - NXP Semiconductors KMZ52 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2000 Jun 09
4
Philips Semiconductors
Product specification
Magnetic Field Sensor
KMZ52
CHARACTERISTICS
Tbridge =25 °C; VCC1 =VCC2 = 5 V; unless otherwise specified.
Notes
1. Due to the ratiometric output, the same supply voltage (VCC) must be applied to both dice in one KMZ52 device.
2.
3. Bridge resistance die 1: between pins 5 and 12; bridge resistance die 2: between pins 2 and 3.
4.
.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
bridge supply voltage
note 1
58V
H
field strength operating range in sensor
plane
−0.2
+0.2
kA/m
S
sensitivity
open circuit
12
16
TCS
temperature coefficient of sensitivity
Ts = −25 to +125 °C
0.31
%/K
kSX
sensitivity synchronism
note 2
92
100
108
%
TCVO
temperature coefficient of output voltage
VCC =5V;
Tbridge = −25 to +125 °C
−−0.4
%/K
Rbridge
bridge resistance
note 3
123k
TCRbridge
temperature coefficient of bridge
resistance
Tbridge = −25 to +125 °C;
note 4
0.3
%/K
Voffset
offset voltage per supply voltage
−1.5
0
+1.5
mV/V
TCVoffset
temperature coefficient of offset voltage
Tbridge = −25 to +125 °C;
note 5
−30
+3
FH
hysteresis of output voltage
−−
2
%FS
Rcomp
resistance of compensation coil
note 6
100
170
300
Acomp
field factor of compensation coil
19
22
25
Rflip
resistance of set/reset coil
note 7
1
2
3
TCRflip
temperature coefficient of resistance of
set/reset coil
Tflip = −25 to +125 °C
0.39
%/K
Iflip
recommended flipping current for stable
operation
±800
±1000 ±1200 mA
tflip
flip pulse duration
1
3
100
µs
Risol
isolating resistance
note 8
1
−−
M
Visol
voltage between isolated systems
note 8
−−
50
V
Risol_dice
isolating resistance between dice
die 1 to die 2
1
−−
M
f
operating frequency
0
1
MHz
α
angle die-to-die
note 9
88
90
92
deg
β
angle dice-to-package
note 9
−5
0
+5
deg
mV/V
kA/m
--------------
µV/V
K
-------------
A/m
mA
----------
k
SX
100
A
comp1
S
1
×
A
comp2
S
2
×
------------------------------ %
×
=
TCR
bridge
100
=
R
bridge T
2
()
R
bridge T
1
()
R
bridge T
1
() T2
T
1
()
---------------------------------------------------------------
Where T
1
25
°CT
2
125
°C
=
;
=


同様の部品番号 - KMZ52

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
More results

同様の説明 - KMZ52

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
MC60-12GM50-1N PF-MC60-12GM50-1N Datasheet
208Kb / 2P
   Magnetic field sensor
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
   Magnetic field sensor
40FY36-33 PF-40FY36-33 Datasheet
119Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com