データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2592ALDRCT データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS2592ALDRCT
部品情報  12-V eFuse with Over Voltage Protection and Blocking FET Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2592ALDRCT データシート(HTML) 7 Page - Texas Instruments

Back Button TPS2592ALDRCT Datasheet HTML 3Page - Texas Instruments TPS2592ALDRCT Datasheet HTML 4Page - Texas Instruments TPS2592ALDRCT Datasheet HTML 5Page - Texas Instruments TPS2592ALDRCT Datasheet HTML 6Page - Texas Instruments TPS2592ALDRCT Datasheet HTML 7Page - Texas Instruments TPS2592ALDRCT Datasheet HTML 8Page - Texas Instruments TPS2592ALDRCT Datasheet HTML 9Page - Texas Instruments TPS2592ALDRCT Datasheet HTML 10Page - Texas Instruments TPS2592ALDRCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Not Recommended for New Designs
TPS2592AA, TPS2592AL
www.ti.com
SLVSC11C – JUNE 2013 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 125°C, VIN = 12 V, VEN /UVLO = 2 V, RILIM = 45.3 kΩ, CdVdT = OPEN. All voltages referenced to GND (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT (PASS FET OUTPUT)
TJ = 25°C
21
28
33
RDS(on)
FET ON resistance
m
Ω
TJ = 125°C
39
46
IOUT-OFF-LKG
VEN/UVLO = 0 V, VOUT = 0 V (Sourcing)
–5
0
1
OUT Bias current in off state
µA
IOUT-OFF-SINK
VEN/UVLO = 0 V, VOUT = 300 mV (Sinking)
10
15
20
BFET (BLOCKING FET GATE DRIVER)
IBFET
BFET Charging current(1)
VBFET = VOUT
2
µA
VVIN +
VBFETmax
BFET Clamp voltage(1)
V
6.4
BFET Discharging resistance to
RBFETdisch
VEN/UVLO = 0 V, IBFET = 100 mA
15
26
36
Ω
GND
TSD (THERMAL SHUT DOWN)
TSHDN
TSD Threshold, rising(1)
160
°C
TSHDNhyst
TSD Hysteresis(1)
10
°C
TPS2592AL
LATCHED
Thermal fault: latched or autoretry
TPS2592AA
AUTO-RETRY
8.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN/UVLO
→ H to IVIN = 100 mA, 1-A resistive load
TON
Turn-on delay(1)
220
µs
at OUT
tOFFdly
Turn Off delay(2)
EN/UVLO
↓ to BFET↓, CBFET = 0
0.4
µs
dV/dT (OUTPUT RAMP CONTROL)
EN/UVLO
→ H to OUT = 11.7 V, CdVdT = 0
0.7
1
1.3
tdVdT
Output ramp time
ms
EN/UVLO
→ H to OUT = 11.7 V,
12
CdVdT = 1 nF
(2)
ILIM (CURRENT LIMIT PROGRAMMING)
tFastOffDly
Fast-Trip comparator delay(2)
IOUT > IFASTRIP to IOUT= 0 (Switch Off)
3
µs
BFET (BLOCKING FET GATE DRIVER)
EN/UVLO
→ H to VBFET = 12 V, CBFET = 1 nF
4.2
tBFET-ON
BFET Turn-On duration(2)
ms
EN/UVLO
→ H to VBFET = 12 V, CBFET = 10 nF
42
EN/UVLO
→ L to VBFET = 1 V, CBFET = 1 nF
0.4
tBFET-OFF
BFET Turn-Off duration(2)
µs
EN/UVLO
→ L to VBFET = 1 V, CBFET = 10 nF
1.4
(1)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
(2)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS2592AA TPS2592AL


同様の部品番号 - TPS2592ALDRCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2592AL TI-TPS2592AL Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
More results

同様の説明 - TPS2592ALDRCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Littelfuse
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com