データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2592Bx データシート(PDF) 5 Page - Texas Instruments

部品番号 TPS2592Bx
部品情報  5-V eFuse with Over Voltage Protection and Blocking FET Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2592Bx データシート(HTML) 5 Page - Texas Instruments

  TPS2592Bx Datasheet HTML 1Page - Texas Instruments TPS2592Bx Datasheet HTML 2Page - Texas Instruments TPS2592Bx Datasheet HTML 3Page - Texas Instruments TPS2592Bx Datasheet HTML 4Page - Texas Instruments TPS2592Bx Datasheet HTML 5Page - Texas Instruments TPS2592Bx Datasheet HTML 6Page - Texas Instruments TPS2592Bx Datasheet HTML 7Page - Texas Instruments TPS2592Bx Datasheet HTML 8Page - Texas Instruments TPS2592Bx Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Not Recommended for New Designs
TPS2592BA, TPS2592BL
www.ti.com
SLVSCU2 – DECEMBER 2014
8.4 Thermal Information
(1)
over operating free-air temperature range (unless otherwise noted)
TPS2592Bx
THERMAL METRIC
UNIT
DRC (10) PINS
RθJA
Junction-to-ambient thermal resistance
45.9
RθJCtop
Junction-to-case (top) thermal resistance
53
RθJB
Junction-to-board thermal resistance
21.2
°C/W
ψJT
Junction-to-top characterization parameter
1.2
ψJB
Junction-to-board characterization parameter
21.4
RθJCbot
Junction-to-case (bottom) thermal resistance
5.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.5
Electrical Characteristics
–40°C
≤ TJ ≤ 125°C, VIN = 5 V, VEN /UVLO = 2 V, RILIM = 100 kΩ, CdVdT = OPEN. All voltages referenced to GND (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN (INPUT SUPPLY)
VUVR
UVLO threshold, rising
4.15
4.3
4.45
V
VUVhyst
UVLO hysteresis(1)
5.4%
IQON
Enabled: EN/UVLO = 2 V
0.4
0.62
0.80
mA
Supply current
IQOFF
EN/UVLO = 0 V
0.1
0.25
mA
VIN > 6.75 V, IOUT = 10 mA,
5.5
6.1
6.75
–40
℃ ≤ TJ ≤ 85℃
VOVC
Over-voltage clamp
V
VIN > 6.75 V, IOUT = 10 mA,
5.25
6.1
6.75
–40
℃ ≤ TJ ≤ 125℃
EN/UVLO (ENABLE/UVLO INPUT)
VENR
EN Threshold voltage, rising
1.37
1.4
1.44
V
VENF
EN Threshold voltage, falling
1.32
1.35
1.39
V
IEN
EN Input leakage current
0 V
≤ VEN ≤ 5 V
–100
0
100
nA
dV/dT (OUTPUT RAMP CONTROL)
IdVdT
dV/dT Charging current(1)
VdVdT = 0 V
220
nA
RdVdT_disch
dV/dT Discharging resistance
EN/UVLO = 0 V, IdVdT = 10 mA sinking
50
73
100
Ω
VdVdTmax
dV/dT Max capacitor voltage(1)
5.5
V
GAINdVdT
dV/dT to OUT gain(1)
ΔVdVdT
4.85
V/V
ILIM (CURRENT LIMIT PROGRAMMING)
IILIM
ILIM Bias current(1)
10
µA
RILIM = 45.3 kΩ, VVIN-OUT = 1 V
1.79
2.10
2.42
IOL
RILIM = 100 kΩ, VVIN-OUT = 1 V
3.46
3.75
4.03
A
RILIM = 150 kΩ, VVIN-OUT = 1 V
4.4
5.2
6
Overload current limit(2)
RILIM = 0 Ω, Shorted Resistor Current Limit (Single Point
IOL-R-Short
0.7
A
Failure Test: UL60950)(1)
RILIM = OPEN, Open Resistor Current Limit (Single Point
IOL-R-Open
0.55
A
Failure Test: UL60950)(1)
RILIM = 45.3 kΩ, VVIN-OUT = 5 V
1.72
2.05
2.38
ISCL
Short-circuit current limit(2)
RILIM = 100 kΩ, VVIN-OUT = 5 V
3.14
3.56
3.98
A
RILIM = 150 kΩ, VVIN-OUT = 5 V
4.12
4.86
5.60
Fast-Trip comparator level w.r.t.
RATIOFASTRIP
IFASTRIP : IOL
160%
overload current limit(1)
ILIM Open resistor detect
VOpenILIM
VILIM Rising, RILIM = OPEN
3.1
V
threshold(1)
(1)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
(2)
Pulsed testing techniques used during this test maintain junction temperature approximately equal to ambient temperature.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2592BA TPS2592BL


同様の部品番号 - TPS2592Bx

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2592Bx TI-TPS2592Bx Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
More results

同様の説明 - TPS2592Bx

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com