データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2592BADRCR データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS2592BADRCR
部品情報  5-V eFuse with Over Voltage Protection and Blocking FET Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2592BADRCR データシート(HTML) 9 Page - Texas Instruments

Back Button TPS2592BADRCR Datasheet HTML 5Page - Texas Instruments TPS2592BADRCR Datasheet HTML 6Page - Texas Instruments TPS2592BADRCR Datasheet HTML 7Page - Texas Instruments TPS2592BADRCR Datasheet HTML 8Page - Texas Instruments TPS2592BADRCR Datasheet HTML 9Page - Texas Instruments TPS2592BADRCR Datasheet HTML 10Page - Texas Instruments TPS2592BADRCR Datasheet HTML 11Page - Texas Instruments TPS2592BADRCR Datasheet HTML 12Page - Texas Instruments TPS2592BADRCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
1
2
3
4
5
6
0
0.5
1
1.5
2
VVIN-OUT (V)
125 C
o
85 C
o
25 C
o
-40 C
o
RILIM = 150 kW
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
VVIN-OUT (V)
RILIM = 100 kW
125 C
o
85 C
o
25 C
o
-40 C
o
VOUT
C3
BFET
C2
C1
C2
VIN
20
25
30
35
40
45
-50
0
50
100
150
Temperature (oC)
VOUT
C3
I_OUT
C2
C1
C4
EN
VOUT
C3
BFET
C2
C1
C2
EN
Not Recommended for New Designs
TPS2592BA, TPS2592BL
www.ti.com
SLVSCU2 – DECEMBER 2014
Typical Characteristics (continued)
TJ = 25°C, VVIN = 5 V, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN = 0.1 µF, COUT = 1 µF, CdVdT = OPEN (unless stated otherwise)
EN
EN
Figure 14. Turn Off Delay to BFET
Figure 13. Transient: Turn Off Delay
VIN
Figure 16. RDSON vs Temperature
Figure 15. Turn Off Delay to BFET
150 k
Ω
100 k
Ω
Figure 17. IOUT vs VVIN-OUT
Figure 18. IOUT vs VVIN-OUT
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2592BA TPS2592BL


同様の部品番号 - TPS2592BADRCR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2592BA TI-TPS2592BA Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
More results

同様の説明 - TPS2592BADRCR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com