データシートサーチシステム |
|
KA3883CD データシート(PDF) 3 Page - Fairchild Semiconductor |
|
KA3883CD データシート(HTML) 3 Page - Fairchild Semiconductor |
3 / 6 page KA3882C/KA3883C 3 Electrical Characteristics (Continued) (VCC = 15V, RT = 10k Ω, CT = 3.3nF, TA = 0°C to +70°C, Unless otherwise specified) * Adjust VCC above the start threshold before setting at 15V Notes : 1. These parameters, although guaranteed, are not 100% tested in production. 2. Parameter measured at trip point of latch with V2 = 0V. 3. Gain defined as: GV = ∆VPIN1∆VPIN3(VPIN3 = 0 to 0.8V) 4. Junction-to-air thermal resistance test enviroments. -. PCB information ; Board thickness : 1.6mm , Board dimension : 76.2 X 114.3mm2 , Ref. : EIA / JSED51-3 and EIA / JSED51-7 -. Board structure; Using the single layer PCB. Parameter Symbol Conditions Min. Typ. Max. Unit ERROR AMPLIFIER SECTION Input Voltage VI TPIN1 = 2.5V 2.42 2.50 2.58 V Input Bias Current IBIAS - - -0.3 -2 uA Open Loop Gain GVO VO = 2V to 4V (Note1) 65 90 - dB Unity Gain Bandwidth GBW TJ= 25 °C (Note1) 0.7 1 - MHz PSRR PSRR VCC = 12V to 25V (Note1) 60 70 - dB Output Sink Current ISINK VPIN2 = 2.7V, VPIN1 = 1.1V 2 6 - mA Output Source Current ISOURCE VPIN2 = 2.3V, VPIN1 = 5.0V -0.5 -0.8 - mA Output High Voltage VOH VPIN2 = 2.3V, R1 = 15k Ω to GND 5 6 - V Output Low Voltage VOL VPIN2 = 2.7V, R1 = 15k Ω to Pin8 - 0.8 1.1 V OUTPUT SECTION Output Low Level VOL ISINK = 20mA - 0.1 0.4 V ISINK = 200mA - 1.5 2.2 V Output High Level VOH ISOURCE = 20mA 13 13.5 - V ISOURCE = 200mA 12 13.5 - V Rise Time tR TJ = 25 °C, C1 = 1nF (Note1) - 40 100 ns Fall Time tF TJ = 25 °C, C1 = 1nF (Note1) - 40 100 ns Output Voltage Swing Limit VOLIM VCC = 27V, C1 = 1nF - 22 - V UNDER VOLTAGE LOCKOUT SECTION Start Threshold VTH KA3882C 15 16 17 V KA3883C 7.8 8.4 9.0 V Min. Operating Voltage ( After turn on ) VTL KA3882C 9 10 11 V KA3883C 7.0 7.6 8.2 V PWM SECTION Maximum Duty Cycle DMAX KA3882C/KA3883C 94 96 100 % Minimum Duty Cycle DMIN - -- 0 % TOTAL STANDBY CURRENT Start-Up Current IST - -0.2 0.4 mA Operating Supply Current ICC VPIN2 = VPIN3 = 0V - 11 17 mA VCC Zener Voltage VZ ICC = 25mA - 29 - V |
同様の部品番号 - KA3883CD |
|
同様の説明 - KA3883CD |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |