データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1246 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1246
部品情報  150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1246 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1246 Datasheet HTML 6Page - National Semiconductor (TI) LM1246 Datasheet HTML 7Page - National Semiconductor (TI) LM1246 Datasheet HTML 8Page - National Semiconductor (TI) LM1246 Datasheet HTML 9Page - National Semiconductor (TI) LM1246 Datasheet HTML 10Page - National Semiconductor (TI) LM1246 Datasheet HTML 11Page - National Semiconductor (TI) LM1246 Datasheet HTML 12Page - National Semiconductor (TI) LM1246 Datasheet HTML 13Page - National Semiconductor (TI) LM1246 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Typical Performance Characteristics V
CC =5V, TA = 25˚C unless otherwise specified (Continued)
TABLE 3. OSD Register Recommendations
PPL=0
PPL=1
PPL=2
PPL=3
PPL=4
PPL=5
PPL=6
PPL=7
PLL Auto
25 - 110
25 - 110
25 - 110
25 - 110
25 - 110
25 - 108
25 - 102
25 - 96
If 1152 pixels per line is being used, the horizontal scan rate
would have to be lower than 106 kHz in order to not exceed
the maximum OSD pixel frequency of 111 MHz. The maxi-
mum number of vertical video lines that may be used is 1536
lines as in a 2048x1536 display. The LM1246 has a PLL
Auto feature, which will automatically select an internal PLL
frequency range setting that will guarantee optimal OSD
locking for any horizontal scan rate. This offers improved
PLL performance and eliminates the need for PLL register
settings determined by the user. To initialize the PLL Auto
feature, set bits, 0x843E[1:0] to 0 for pre-calibration, which
takes one vertical scan period to complete, and must be
done while the video is blanked. Subsequently, set
0x843E[6] to 1, which must also be done while the video is
blanked. Table 3. OSD Register Recommendations shows
the recommended horizontal scan rate ranges (in kHz) for
each pixels per line register setting, 0x8401[7:5]. These
ranges are recommended for chip ambient temperatures of
0oCto70oC, and the recommended PLL filter values are
6.2kohms, 0.01uF, and 1000pF as shown in the schematic.
While the OSD PLL will lock for other register combinations
and at scan rates outside these ranges, the performance of
the loop will be improved if these recommendations are
followed.
PLL Auto Mode Initialization Sequence
Blank video
In PLL manual mode, set PLL range (0x843E[1:0]) to 0
Wait for at least one vertical period or vertical sync pulse
to pass
Set 0x843E[6] to 1 to activate the Auto mode
Wait for at least one vertical period or vertical sync pulse
to pass
Unblank video
This Sequence must be done by the microcontroller at sys-
tem power up, as well as each time there is a horizontal line
rate change from the video source, for the PLL Auto mode to
function properly.
Pin Descriptions and Application Information
Pin
No.
Pin Name
Schematic
Description
1
V Flyback
Required for OSD synchronization and is also
used for vertical blanking of the video outputs.
The actual switching threshold is about 35% of
V
CC. For logic level inputs C4 can be a jumper,
but for flyback inputs, an AC coupled
differentiator is recommended, where R
V is large
enough to prevent the voltage at pin 1 from
exceeding V
CC or going below GND. C4 should
be small enough to flatten the vertical rate ramp
at pin 1. C
24 may be needed to reduce noise.
2V
REF Bypass
Provides filtering for the internal voltage which
sets the internal bias current in conjunction with
R
EXT. A minimum of 0.1 µF is recommended for
proper filtering. This capacitor should be placed
as close to pin 2 and the pin 4 ground return as
possible.
www.national.com
10


同様の部品番号 - LM1246

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

同様の説明 - LM1246

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1247 NSC-LM1247 Datasheet
3Mb / 48P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1236 NSC-LM1236 Datasheet
1Mb / 43P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com