データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS25944L データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS25944L
部品情報  5A eFuse Power MUX with Multiple Protection Modes
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25944L データシート(HTML) 2 Page - Texas Instruments

  TPS25944L Datasheet HTML 1Page - Texas Instruments TPS25944L Datasheet HTML 2Page - Texas Instruments TPS25944L Datasheet HTML 3Page - Texas Instruments TPS25944L Datasheet HTML 4Page - Texas Instruments TPS25944L Datasheet HTML 5Page - Texas Instruments TPS25944L Datasheet HTML 6Page - Texas Instruments TPS25944L Datasheet HTML 7Page - Texas Instruments TPS25944L Datasheet HTML 8Page - Texas Instruments TPS25944L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
TPS25942A, TPS25942L, TPS25944A, TPS25944L
SLVSCE9A – JUNE 2014 – REVISED MARCH 2015
www.ti.com
Table of Contents
10.3
Feature Description............................................... 21
1
Features .................................................................. 1
10.4
Device Functional Modes...................................... 25
2
Applications ........................................................... 1
11
Application and Implementation........................ 27
3
Description ............................................................. 1
11.1
Application Information.......................................... 27
4
Simplified Schematic............................................. 1
11.2
Typical Application ................................................ 27
5
Revision History..................................................... 2
11.3
System Examples ................................................ 35
6
Device Comparison Table..................................... 4
12
Power Supply Recommendations ..................... 42
7
Pin Configuration and Functions ......................... 4
12.1
Transient Protection .............................................. 42
8
Specifications......................................................... 5
12.2
Output Short-Circuit Measurements ..................... 43
8.1
Absolute Maximum Ratings ...................................... 5
13
Layout................................................................... 44
8.2
ESD Ratings.............................................................. 5
13.1
Layout Guidelines ................................................. 44
8.3
Recommended Operating Conditions ....................... 5
13.2
Layout Example .................................................... 45
8.4
Thermal Characteristics ............................................ 5
14
Device and Documentation Support ................. 46
8.5
Electrical Characteristics........................................... 6
14.1
Related Links ........................................................ 46
8.6
Timing Requirements ................................................ 8
14.2
Trademarks ........................................................... 46
8.7
Typical Characteristics .............................................. 9
14.3
Electrostatic Discharge Caution ............................ 46
9
Parametric Measurement Information ............... 17
14.4
Glossary ................................................................ 46
10
Detailed Description ........................................... 18
15
Mechanical, Packaging, and Orderable
10.1
Overview ............................................................... 18
Information ........................................................... 46
10.2
Functional Block Diagram ..................................... 19
5 Revision History
Changes from Original (June 2014) to Revision A
Page
Changed Features From: UL2367 Recognition Pending To: UL 2367 Recognized, RILIM ≥ 20 kΩ (4.81 A max), File
No. 169910 ............................................................................................................................................................................. 1
Changed text in the Description From: FLT and ENBLK pins To: FLT and DMODE pins..................................................... 1
Deleted Note "Product Preview" from the Device Information table ...................................................................................... 1
Changed Pin 1 From ENBLK To: DMODE throughout the data sheet .................................................................................. 4
Changed ENBLK To: DMODE in the Pin Functions table and updated the DESCRIPTION ................................................ 4
Moved the Storage Temperature From the Handling Ratings table To Absolute Maximum Ratings table .......................... 5
Changed the Handling Ratings table To: ESD Ratings table ................................................................................................ 5
Changed DIODE MODE INPUT (ENBLK): ACTIVE LOW To: DIODE MODE INPUT (DMODE): ACTIVE HIGH in the
Electrical Characteristics ........................................................................................................................................................ 6
Added Test Condition to I(LIM): "R(ILIM) = 20 kΩ" in the Electrical Characteristics .................................................................. 6
Changed Test Condition in I(LIM) From: "ENBLK = High; Diode Mode" To: "DMODE = High; Non-ideal Diode Mode"
in the Electrical Characteristics ............................................................................................................................................. 6
Changed "DIODE MODE INPUT: ACTIVE LOW (ENBLK)" To: DIODE MODE INPUT: ACTIVE HIGH (DMODE)" in
the Timing Requirements ...................................................................................................................................................... 8
Changed Figure 22. .............................................................................................................................................................. 11
Added condition R(ILIM) = 17.8 KΩ to Figure 39 and Figure 40 ............................................................................................ 14
Changed Figure 43. Added Figure 44, Figure 45, and Figure 46 ........................................................................................ 15
Changed Figure 48: ENBLK To: DMODE and Diode Mode To: Non-Ideal Diode Mode ..................................................... 19
Changed Figure 49: ENBLK To: DMODE and Diode Mode To Non-Ideal Diode Mode ...................................................... 20
Changed Equation 5 to include I(IMON_OS).............................................................................................................................. 24
Change text in Diode Mode From:" ENBLK...active low terminal" To: "DMODE ...active high terminal"............................. 25
Changed text in the last sentence of Diode Mode From: "In this mode, the overload current..." To:"In this mode, the
circuit breaker functionality.."................................................................................................................................................ 25
Added the NOTE to Application and Implementation .......................................................................................................... 27
Added Note A to Figure 60 .................................................................................................................................................. 31
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS25942A TPS25942L TPS25944A TPS25944L


同様の部品番号 - TPS25944L

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS25940 TI1-TPS25940 Datasheet
2Mb / 47P
[Old version datasheet]   18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
TPS25940 TI1-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940 TI-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

同様の説明 - TPS25944L

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
   digital microphone with multiple performance modes
July 2020 Rev 2
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
   Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
   MEMS audio sensor: digital microphone with multiple performance modes
March 2022 Rev 3
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
   Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com