データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS25940 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS25940
部品情報  18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940 データシート(HTML) 3 Page - Texas Instruments

  TPS25940 Datasheet HTML 1Page - Texas Instruments TPS25940 Datasheet HTML 2Page - Texas Instruments TPS25940 Datasheet HTML 3Page - Texas Instruments TPS25940 Datasheet HTML 4Page - Texas Instruments TPS25940 Datasheet HTML 5Page - Texas Instruments TPS25940 Datasheet HTML 6Page - Texas Instruments TPS25940 Datasheet HTML 7Page - Texas Instruments TPS25940 Datasheet HTML 8Page - Texas Instruments TPS25940 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
16
15
14
13
12
11
1
2
3
4
5
6
DEVSLP
PGOOD
PGTH
OUT
OUT
OUT
GND
OVP
EN
IN
IN
IN
Thermal
Pad
TPS25940A, TPS25940L
www.ti.com
SLVSCF3A – JUNE 2014 – REVISED MARCH 2015
6 Pin Configuration and Functions
TPS25940
RVC PACKAGE
(TOP VIEW)
Pin Functions
NAME
NO.
I/O
DESCRIPTION
DEVSLP
1
I
Active High. DevSleep Mode control. A high at this pin will activate the DevSleep mode(Low Power Mode).
PGOOD
2
O
Active High. A high indicates PGTH has crossed the threshold value. It is an open drain output.
PGTH
3
I
Positive input of PGOOD comparator.
OUT
4 - 8
O
Power Output of the device.
IN
9 - 13
I
Power Input and supply voltage of the device.
Input for setting programmable undervoltage lockout threshold. An undervoltage event will open internal FET and assert
EN/UVLO
14
I
FLT to indicate power-failure. When pulled to GND, resets the fault latch in TPS25940L.
Input for setting programmable overvoltage protection threshold. An overvoltage event will open the internal FET and
OVP
15
I
assert FLT to indicate overvoltage.
GND
16
Ground.
ILIM
17
I/O
A resistor from this pin to GND sets the overload and short-circuit current limit.
dVdT
18
I/O
A capacitor from this pin to GND sets the ramp rate of output voltage.
This pin sources a scaled down ratio of current through the internal FET. A resistor from this pin to GND converts current
IMON
19
O
to proportional voltage, used as analog current monitor.
Fault event indicator, goes low to indicate fault condition due to Undervoltage, Overvoltage, Reverse voltage and Thermal
FLT
20
O
shutdown event. It is an open drain output.
The GND terminal must be connected to the exposed PowerPAD. This PowerPAD must be connected to a PCB ground
PowerPADTM
plane using multiple vias for good thermal performance.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS25940A TPS25940L


同様の部品番号 - TPS25940

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS25940 TI1-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940 TI-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

同様の説明 - TPS25940

メーカー部品番号データシート部品情報
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
[Old version datasheet]   TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
logo
Vishay Siliconix
SIP32433 VISHAY-SIP32433_V01 Datasheet
640Kb / 22P
   3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
15-Aug-2022
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
   2A Load Switch IC with True Reverse Current Blocking
2021-02-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com