データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS25942LRVCR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS25942LRVCR
部品情報  5A eFuse Power MUX with Multiple Protection Modes
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25942LRVCR データシート(HTML) 4 Page - Texas Instruments

  TPS25942LRVCR Datasheet HTML 1Page - Texas Instruments TPS25942LRVCR Datasheet HTML 2Page - Texas Instruments TPS25942LRVCR Datasheet HTML 3Page - Texas Instruments TPS25942LRVCR Datasheet HTML 4Page - Texas Instruments TPS25942LRVCR Datasheet HTML 5Page - Texas Instruments TPS25942LRVCR Datasheet HTML 6Page - Texas Instruments TPS25942LRVCR Datasheet HTML 7Page - Texas Instruments TPS25942LRVCR Datasheet HTML 8Page - Texas Instruments TPS25942LRVCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
16
15
14
13
12
11
1
2
3
4
5
6
DMODE
PGOOD
PGTH
OUT
OUT
OUT
GND
OVP
EN
IN
IN
IN
Thermal
Pad
TPS25942A, TPS25942L, TPS25944A, TPS25944L
SLVSCE9A – JUNE 2014 – REVISED MARCH 2015
www.ti.com
6 Device Comparison Table
DEVICE
TJ
OPERATION(1)
TYPE
TPS25942A
Current Limiter
Auto Retry
TPS25942L
Current Limiter
Latched
–40°C to 125°C
TPS25944A
Circuit Breaker
Auto Retry
TPS25944L
Circuit Breaker
Latched
(1)
Refer to Operational Differences between TPS25942 and TPS25944 for detailed information.
7 Pin Configuration and Functions
TPS259242, TPS259244
RVC PACKAGE
(TOP VIEW)
Pin Functions
PIN NAME
PIN NO.
I/O
DESCRIPTION
DMODE
1
I
Diode Mode control pin. A high at this pin will activate the Non-ideal Diode Mode.
PGOOD
2
O
Active High. A high indicates PGTH has crossed the threshold value. It is an open drain output.
PGTH
3
I
Positive input of PGOOD comparator.
OUT
4 - 8
O
Power Output of the device.
IN
9 - 13
I
Power Input and supply voltage.
Input for setting programmable undervoltage lockout threshold. An undervoltage event will open
EN/UVLO
14
I
internal FET and assert FLT to indicate power-failure. When pulled to GND, resets the fault latch
in TPS25942L, TPS25944L.
Input for setting programmable overvoltage protection threshold. An overvoltage event will open
OVP
15
I
the internal FET and assert FLT to indicate overvoltage.
GND
16
-
Ground.
ILIM
17
I/O
A resistor from this pin to GND sets the overload and short-circuit current limit.
dVdT
18
I/O
A capacitor from this pin to GND sets the ramp rate of output voltage.
This pin sources a scaled down ratio of current through the internal FET. A resistor from this pin
IMON
19
O
to GND converts current to proportional voltage, used as analog current monitor.
Fault event indicator, goes low to indicate fault condition due to Undervoltage, Overvoltage,
FLT
20
O
Reverse voltage, Circuit breaker timeout (TPS25944 only) and Thermal shutdown events. It is an
open drain output.
The GND terminal must be connected to the exposed PowerPAD. This PowerPAD must be
PowerPADTM
connected to a PCB ground plane using multiple vias for good thermal performance.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS25942A TPS25942L TPS25944A TPS25944L


同様の部品番号 - TPS25942LRVCR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS25940 TI1-TPS25940 Datasheet
2Mb / 47P
[Old version datasheet]   18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
TPS25940 TI1-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940 TI-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

同様の説明 - TPS25942LRVCR

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
   digital microphone with multiple performance modes
July 2020 Rev 2
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
   Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
   MEMS audio sensor: digital microphone with multiple performance modes
March 2022 Rev 3
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
   Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com