データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS25942LRVCT データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS25942LRVCT
部品情報  5A eFuse Power MUX with Multiple Protection Modes
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25942LRVCT データシート(HTML) 10 Page - Texas Instruments

Back Button TPS25942LRVCT Datasheet HTML 6Page - Texas Instruments TPS25942LRVCT Datasheet HTML 7Page - Texas Instruments TPS25942LRVCT Datasheet HTML 8Page - Texas Instruments TPS25942LRVCT Datasheet HTML 9Page - Texas Instruments TPS25942LRVCT Datasheet HTML 10Page - Texas Instruments TPS25942LRVCT Datasheet HTML 11Page - Texas Instruments TPS25942LRVCT Datasheet HTML 12Page - Texas Instruments TPS25942LRVCT Datasheet HTML 13Page - Texas Instruments TPS25942LRVCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Temperature (GC)
-50
-20
10
40
70
100
130
0.9
1.1
1.3
1.5
1.7
1.9
2.1
V(DMODER)
V(DMODEF)
Temperature (GC)
-50
-20
10
40
70
100
130
0.9
1.0
1.1
1.2
1.0
1.4
1.8
2.2
2.6
3.0
±50
±20
10
40
70
100
130
Temperature (oC)
C014
1.0
1.4
1.8
2.2
2.6
3.0
±50
±20
10
40
70
100
130
Temperature (oC)
C014
0.40
0.45
0.50
0.55
0.60
±50
±20
10
40
70
100
130
Temperature (oC)
EN Rising
EN Falling
C014
V
(SHUTR)
V
(SHUTF)
50
100
150
200
250
300
±50
±20
10
40
70
100
130
Temperature (oC)
C014
TPS25942A, TPS25942L, TPS25944A, TPS25944L
SLVSCE9A – JUNE 2014 – REVISED MARCH 2015
www.ti.com
Typical Characteristics (continued)
Conditions are –40°C
≤ TJ = TA ≤ 125°C, V(IN) = 12 V, V(EN/UVLO) = 2 V, V(OVP) = V(DMODE) = V(PGTH) = 0 V, R(ILIM) = 150 kΩ,
C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. (unless stated otherwise)
Figure 7. EN Threshold Voltage for Low IQ mode vs
Figure 8. Enable Turn ON Delay vs Temperature
Temperature
Figure 9. Enable Turn OFF Delay vs Temperature
Figure 10. OVP Disable Delay vs Temperature
Figure 11. DMODE Threshold Voltage vs Temperature
Figure 12. DMODE Pull down Current vs Temperature
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS25942A TPS25942L TPS25944A TPS25944L


同様の部品番号 - TPS25942LRVCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS25940 TI1-TPS25940 Datasheet
2Mb / 47P
[Old version datasheet]   18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
TPS25940 TI1-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940 TI-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

同様の説明 - TPS25942LRVCT

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
   digital microphone with multiple performance modes
July 2020 Rev 2
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
   Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
   MEMS audio sensor: digital microphone with multiple performance modes
March 2022 Rev 3
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
   Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com