データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9183 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA9183
部品情報  Integrated NTSC comb filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9183 データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA9183 Datasheet HTML 3Page - NXP Semiconductors TDA9183 Datasheet HTML 4Page - NXP Semiconductors TDA9183 Datasheet HTML 5Page - NXP Semiconductors TDA9183 Datasheet HTML 6Page - NXP Semiconductors TDA9183 Datasheet HTML 7Page - NXP Semiconductors TDA9183 Datasheet HTML 8Page - NXP Semiconductors TDA9183 Datasheet HTML 9Page - NXP Semiconductors TDA9183 Datasheet HTML 10Page - NXP Semiconductors TDA9183 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2000 Nov 30
7
Philips Semiconductors
Objective specification
Integrated NTSC comb filter
TDA9183
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. All pins are protected against ESD by means of internal clamping diodes.
2. Human Body Model (HBM): R = 1.5 k
Ω; C = 100 pF.
3. Pins 5 (VDDD) and 6 (VCCA): HBM: −1500V<Ves < +1500 V.
4. Machine Model (MM): R = 0
Ω; C = 200 pF.
5. Pins 5 (VDDD) and 6 (VCCA): MM: −150V<Ves < +150 V.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”.
Latch-up
At an ambient temperature of 70
°C all pins meet the following specification:
• Itrigger ≥ 100 mA or Vtrigger ≥ 1.5VDD(max)
• Itrigger ≤−100 mA or Vtrigger ≤−0.5VDD(max).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDD
digital supply voltage
5.5
V
VCCA
analog supply voltage
5.5
V
Vi(prot)(th)
input voltage protection threshold
−0.3
VDD + 0.3
V
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
−25
+70
°C
Tsol
soldering temperature
for 5 s
260
°C
Tj
junction temperature
150
°C
Ves
electrostatic handling voltage
HBM; all pins, except
pins 5 and 6; notes 1, 2 and 3
−3000
+3000
V
MM; all pins, except
pins 5 and 6; notes 1, 4 and 5
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
TDA9183P
75
K/W
TDA9183T
95
K/W


同様の部品番号 - TDA9183

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9181 PHILIPS-TDA9181 Datasheet
135Kb / 32P
   Integrated multistandard comb filter
2000 Nov 22
TDA9181P PHILIPS-TDA9181P Datasheet
135Kb / 32P
   Integrated multistandard comb filter
2000 Nov 22
TDA9181T PHILIPS-TDA9181T Datasheet
135Kb / 32P
   Integrated multistandard comb filter
2000 Nov 22
More results

同様の説明 - TDA9183

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SAA4963 PHILIPS-SAA4963 Datasheet
116Kb / 20P
   Integrated NTSC comb filter
1997 Mar 03
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
TDA9181 PHILIPS-TDA9181 Datasheet
135Kb / 32P
   Integrated multistandard comb filter
2000 Nov 22
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com