データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK11C68-5K45M データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 STK11C68-5K45M
部品情報  CMOS NV SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-5K45M データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STK11C68-5K45M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-5K45M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-5K45M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-5K45M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-5K45M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-5K45M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-5K45M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-5K45M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK11C68-5K45M Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STK11C68-M
4-38
The STK11C68-M has two separate modes of opera-
tion: SRAM mode and nonvolatile mode. In SRAM
mode, the memory operates as an ordinary static
RAM. In nonvolatile operation, data is transferred from
SRAM to EEPROM or from EEPROM to SRAM. In this
mode SRAM functions are disabled.
SRAM READ
The STK11C68-M performs a READ cycle whenever
E and G are LOW while W is HIGH. The address
specified on pins A0-12 determines which of the 8192
data bytes will be accessed.
When the READ is
initiated by an address transition, the outputs will be
valid after a delay of tAVQV (READ CYCLE #1). If the
READ is initiated by E or G, the outputs will be valid at
tELQV or at tGLQV, whichever is later (READ CYCLE #2).
The data outputs will repeatedly respond to address
changes within the tAVQV access time without the need
for transitions on any control input pins, and will remain
valid until another address change or until E or G is
brought HIGH or W is brought LOW.
The STK11C68-M is a high speed memory and there-
fore must have a high frequency bypass capacitor of
approximately 0.1
µF connected between DUT VCC
and VSS using leads and traces that are as short as
possible. As with all high speed CMOS ICs, normal
careful routing of power, ground and signals will help
prevent noise problems.
SRAM WRITE
A write cycle is performed whenever E and W are
LOW. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable until
either E or W go HIGH at the end of the cycle. The
data on pins DQ0-7 will be written into the memory if it
is valid tDVWH before the end of a W controlled WRITE
or tDVEH before the end of an E controlled WRITE.
It is recommended that G be kept HIGH during the
entire WRITE cycle to avoid data bus contention on
common I/O lines. If G is left LOW, internal circuitry will
turn off the output buffers tWLQZ after W goes LOW.
NONVOLATILE STORE
The STK11C68-M
STORE cycle is initiated by execut-
ing sequential READ cycles from six specific address
locations.
By relying on READ cycles only, the
STK11C68-M implements nonvolatile operation while
remaining pin-for-pin compatible with standard 8Kx8
SRAMs. During the
STORE cycle, an erase of the
previous nonvolatile data is first performed, followed
by a program of the nonvolatile elements. The pro-
gram operation copies the SRAM data into nonvolatile
elements. Once a
STORE cycle is initiated, further
input and output are disabled until the cycle is com-
pleted.
Because a sequence of reads from specific addresses
is used for
STORE initiation, it is important that no
other read or write accesses intervene in the sequence
or the sequence will be aborted and no
STORE or
RECALL will take place.
To initiate the
STORE cycle the following READ se-
quence must be performed:
1.
Read address
0000 (hex)
Valid READ
2.
Read address
1555 (hex)
Valid READ
3.
Read address
0AAA (hex)
Valid READ
4.
Read address
1FFF (hex)
Valid READ
5.
Read address
10F0 (hex)
Valid READ
6.
Read address
0F0F (hex)
Initiate
STORE Cycle
Once the sixth address in the sequence has been
entered, the
STORE cycle will commence and the chip
will be disabled. It is important that READ cycles and
not WRITE cycles be used in the sequence, although
it is not necessary that G be LOW for the sequence to
be valid. After the tSTORE cycle time has been fulfilled,
the SRAM will again be activated for READ and WRITE
operation.
HARDWARE PROTECT
The STK11C68-M offers hardware protection against
inadvertent
STORE cycles through VCC Sense. A
STORE cycle will not be initiated, and one in progress
will discontinue, if VCC goes below 4.0V. 4.0V is a
typical, characterized value. The datasheet specifica-
tions are guaranteed only for VCC = 5.0 +10%.
NONVOLATILE RECALL
A
RECALL cycle of the EEPROM data into the SRAM
is initiated with a sequence of READ operations in a
manner similar to the
STORE initiation. To initiate the
RECALL cycle the following sequence of READ op-
erations must be performed:
1.
Read address
0000 (hex)
Valid READ
2.
Read address
1555 (hex)
Valid READ
3.
Read address
0AAA (hex)
Valid READ
4.
Read address
1FFF (hex)
Valid READ
5.
Read address
10F0 (hex)
Valid READ
6.
Read address
0F0E (hex)
Initiate
RECALL Cycle
DEVICE OPERATION


同様の部品番号 - STK11C68-5K45M

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
STK11C68-5K45M CYPRESS-STK11C68-5K45M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

同様の説明 - STK11C68-5K45M

メーカー部品番号データシート部品情報
logo
Dallas Semiconductor
DS2227 DALLAS-DS2227 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
logo
Maxim Integrated Produc...
DS2227 MAXIM-DS2227 Datasheet
196Kb / 10P
   Flexible NV SRAM Stik
112099
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
   Advanced NV SRAM Battery Cap
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
   1024 Flexible NV SRAM SIMM
112299
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
logo
List of Unclassifed Man...
STK12C68-M ETC-STK12C68-M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
logo
Dallas Semiconductor
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
   1024k Flexible NV SRAM SIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com