データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL0401A-10 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPL0401A-10
部品情報  128 TAPS Single Channel Digital Potentiometer with I2C Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401A-10 データシート(HTML) 7 Page - Texas Instruments

Back Button TPL0401A-10 Datasheet HTML 3Page - Texas Instruments TPL0401A-10 Datasheet HTML 4Page - Texas Instruments TPL0401A-10 Datasheet HTML 5Page - Texas Instruments TPL0401A-10 Datasheet HTML 6Page - Texas Instruments TPL0401A-10 Datasheet HTML 7Page - Texas Instruments TPL0401A-10 Datasheet HTML 8Page - Texas Instruments TPL0401A-10 Datasheet HTML 9Page - Texas Instruments TPL0401A-10 Datasheet HTML 10Page - Texas Instruments TPL0401A-10 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0
18
36
54
72
90
108
126
Digital Code
5.5V
3.3V
2.7V
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0
18
36
54
72
90
108
126
Digital Code
5.5V
3.3V
2.7V
-1.00
-0.50
0.00
0.50
1.00
0
16
32
48
64
80
96
112
128
Digital Code
5.5V
3.3V
2.7V
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0
16
32
48
64
80
96
112
128
Digital Code
5.5V
3.3V
2.7V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
-40
-20
0
20
40
60
80
100
120
Temperature (C)
5.5V
3.3V
2.7V
-1.00
-0.90
-0.80
-0.70
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
-40
-20
0
20
40
60
80
100
120
Temperature (C)
5.5V
3.3V
2.7V
TPL0401A
TPL0401B
TPL0401C
www.ti.com
SLIS144A – SEPTEMBER 2011 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS
INL vs
DNL vs
TAP POSITION (Potentiometer Mode)
TAP POSITION (Potentiometer Mode)
Figure 2.
Figure 3.
INL vs
DNL vs
TAP POSITION (Rheostat Mode)
TAP POSITION (Rheostat Mode)
Figure 4.
Figure 5.
ZERO SCALE ERROR vs
FULL SCALE ERROR vs
TEMPERATURE
TEMPERATURE
Figure 6.
Figure 7.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPL0401A TPL0401B TPL0401C


同様の部品番号 - TPL0401A-10

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10DCKR TI1-TPL0401A-10DCKR Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI1-TPL0401A-10DCKR Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10DCKR TI-TPL0401A-10DCKR Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results

同様の説明 - TPL0401A-10

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com