データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HCT126 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HCT126
部品情報  High-Speed CMOS Logic Quad Buffer, Three-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT126 データシート(HTML) 1 Page - Texas Instruments

  CD74HCT126 Datasheet HTML 1Page - Texas Instruments CD74HCT126 Datasheet HTML 2Page - Texas Instruments CD74HCT126 Datasheet HTML 3Page - Texas Instruments CD74HCT126 Datasheet HTML 4Page - Texas Instruments CD74HCT126 Datasheet HTML 5Page - Texas Instruments CD74HCT126 Datasheet HTML 6Page - Texas Instruments CD74HCT126 Datasheet HTML 7Page - Texas Instruments CD74HCT126 Datasheet HTML 8Page - Texas Instruments CD74HCT126 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS144C
Features
• Three-State Outputs
• Separate Output Enable Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC126 and ’HCT126 contain four independent three-
state buffers, each having its own output enable input, which
when “low” puts the output in the high-impedance state.
Pinout
CD54HC126, CD54HC126
(CERDIP)
CD74HC126, CD74HC126
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC126F3A
-55 to 125
14 Ld CERDIP
CD54HCT126F3A
-55 to 125
14 Ld CERDIP
CD74HC126E
-55 to 125
14 Ld PDIP
CD74HC126M
-55 to 125
14 Ld SOIC
CD74HC126MT
-55 to 125
14 Ld SOIC
CD74HC126M96
-55 to 125
14 Ld SOIC
CD74HCT126E
-55 to 125
14 Ld PDIP
CD74HCT126M
-55 to 125
14 Ld SOIC
CD74HCT126MT
-55 to 125
14 Ld SOIC
CD74HCT126M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
November 1997 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC126, CD74HC126,
CD54HCT126, CD74HCT126
High-Speed CMOS Logic
Quad Buffer, Three-State
[ /Title
(CD74
HC126
,
CD74
HCT12
6)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad
Buffer,
Three-
State)


同様の部品番号 - CD74HCT126

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCT126 TI-CD74HCT126 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD74HCT126 TI-CD74HCT126 Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HCT126 TI-CD74HCT126 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HCT126E TI-CD74HCT126E Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD74HCT126E TI-CD74HCT126E Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
More results

同様の説明 - CD74HCT126

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC125 TI-CD54HC125 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HC125 TI-CD74HC125 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD74HC126 TI-CD74HC126 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI-CD54HC126_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI1-CD54HC125_14 Datasheet
618Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI-CD54HC125_06 Datasheet
265Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI-CD54HC126 Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240_08 Datasheet
475Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com