データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HC374M データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HC374M
部品情報  High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC374M データシート(HTML) 7 Page - Texas Instruments

Back Button CD74HC374M Datasheet HTML 3Page - Texas Instruments CD74HC374M Datasheet HTML 4Page - Texas Instruments CD74HC374M Datasheet HTML 5Page - Texas Instruments CD74HC374M Datasheet HTML 6Page - Texas Instruments CD74HC374M Datasheet HTML 7Page - Texas Instruments CD74HC374M Datasheet HTML 8Page - Texas Instruments CD74HC374M Datasheet HTML 9Page - Texas Instruments CD74HC374M Datasheet HTML 10Page - Texas Instruments CD74HC374M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 1. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 2. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 3. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 4. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 5. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 6. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD54/74HC374, CD54/74HCT374, CD54/74HC574, CD54/74HCT574


同様の部品番号 - CD74HC374M

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC374M TI-CD74HC374M Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC374M TI-CD74HC374M Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374M TI-CD74HC374M Datasheet
454Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374M TI-CD74HC374M Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374M96 TI-CD74HC374M96 Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
More results

同様の説明 - CD74HC374M

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCT574-EP TI1-CD74HCT574-EP Datasheet
622Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE,POSITIVE-EDGE TRIGGERED
CD54HC374 TI-CD54HC374_07 Datasheet
454Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC374 TI-CD54HC374_03 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HCT574-Q1 TI1-CD74HCT574-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE POSITIVE-EDGE TRIGGERED
CD54HC374 TI-CD54HC374 Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_07 Datasheet
431Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534 Datasheet
287Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_08 Datasheet
461Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com