データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HC574M データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HC574M
部品情報  High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC574M データシート(HTML) 5 Page - Texas Instruments

  CD74HC574M Datasheet HTML 1Page - Texas Instruments CD74HC574M Datasheet HTML 2Page - Texas Instruments CD74HC574M Datasheet HTML 3Page - Texas Instruments CD74HC574M Datasheet HTML 4Page - Texas Instruments CD74HC574M Datasheet HTML 5Page - Texas Instruments CD74HC574M Datasheet HTML 6Page - Texas Instruments CD74HC574M Datasheet HTML 7Page - Texas Instruments CD74HC574M Datasheet HTML 8Page - Texas Instruments CD74HC574M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
HC TYPES
Maximum Clock
Frequency
fMAX
2
6
-
-
5
-
-
4
-
-
MHz
4.5
30
-
-
25
-
-
20
-
-
MHz
6
35
-
-
29
-
-
23
-
-
MHz
Clock Pulse Width
tW
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
Setup Time
Data to Clock
tSU
260
-
-
75
-
-
90
-
-
ns
4.5
12
-
-
15
-
-
18
-
-
ns
610
-
-
13
-
-
15
-
-
ns
Hold Time
Data to Clock
tH
25
-
-
5
-
-
5
-
-
ns
4.5
5
-
-
5
-
-
5
-
-
ns
65
-
-
5
-
-
5
-
-
ns
HCT TYPES
Maximum Clock
Frequency
fMAX
4.5
30
-
-
25
-
-
20
-
-
MHz
Clock Pulse Width
tW
4.5
16
-
-
20
-
-
24
-
-
ns
Setup Time
Data to Clock
tSU
4.5
12
-
-
15
-
-
18
-
-
ns
Hold Time
Data to Clock
tH
4.5
5
-
-
5
-
-
5
-
-
ns
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
Clock to Output
2
-
-
165
-
205
-
250
ns
4.5
-
-
33
-
41
-
50
ns
CL = 15pF
5
-
15
-
-
-
-
-
ns
CL = 50pF
6
-
-
28
-
35
-
43
ns
Output Disable to Q
tPLZ,tPHZ
CL = 50pF
2
-
-
135
-
170
-
205
ns
4.5
-
-
27
-
34
-
41
ns
CL = 15pF
5
-
11
-
-
-
-
-
ns
CL = 50pF
6
-
-
23
-
29
-
35
ns
CD54/74HC374, CD54/74HCT374, CD54/74HC574, CD54/74HCT574


同様の部品番号 - CD74HC574M

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC574M TI-CD74HC574M Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC574M TI-CD74HC574M Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC574M TI-CD74HC574M Datasheet
454Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC574M TI-CD74HC574M Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC574M96 TI-CD74HC574M96 Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
More results

同様の説明 - CD74HC574M

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCT574-EP TI1-CD74HCT574-EP Datasheet
622Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE,POSITIVE-EDGE TRIGGERED
CD54HC374 TI-CD54HC374_07 Datasheet
454Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC374 TI-CD54HC374_03 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HCT574-Q1 TI1-CD74HCT574-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE POSITIVE-EDGE TRIGGERED
CD54HC374 TI-CD54HC374 Datasheet
293Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_07 Datasheet
431Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534 Datasheet
287Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_08 Datasheet
461Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com