データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS90C385 データシート(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DS90C385
部品情報  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C385 データシート(HTML) 15 Page - National Semiconductor (TI)

Back Button DS90C385 Datasheet HTML 9Page - National Semiconductor (TI) DS90C385 Datasheet HTML 10Page - National Semiconductor (TI) DS90C385 Datasheet HTML 11Page - National Semiconductor (TI) DS90C385 Datasheet HTML 12Page - National Semiconductor (TI) DS90C385 Datasheet HTML 13Page - National Semiconductor (TI) DS90C385 Datasheet HTML 14Page - National Semiconductor (TI) DS90C385 Datasheet HTML 15Page - National Semiconductor (TI) DS90C385 Datasheet HTML 16Page - National Semiconductor (TI) DS90C385 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Applications Information (Continued)
channel’s inputs open. This minimizes power dissipation and
locks the unused channels outputs into a stable known
(HIGH) state.
If a clock signal is present, data outputs will all be HIGH; if
the clock input is also floating/terminated, data outputs will
remain in the last valid state. A floating/terminated clock
input will result in a LOW clock output.
Pin Diagram for TSSOP Packages
DS90C385MTD
DS90CF365MTD
10086823
10086824
Typical Application
10086803
TABLE 1. Programmable Transmitter (DS90C385/DS90C365)
Pin
Condition
Strobe Status
R_FB
R_FB = V
CC
Rising edge strobe
R_FB
R_FB = GND or NC
Falling edge strobe
www.national.com
15


同様の部品番号 - DS90C385

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DS90C385A NSC-DS90C385A Datasheet
648Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385A NSC-DS90C385A Datasheet
646Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C385A TI-DS90C385A Datasheet
981Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385A TI1-DS90C385A Datasheet
1Mb / 20P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C385AMT NSC-DS90C385AMT Datasheet
648Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
More results

同様の説明 - DS90C385

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com